Electronic Components Datasheet Search
  English  ▼

X  

TPS61030PWPR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61030PWPR
Description  96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61030PWPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS61030PWPR Datasheet HTML 9Page - Texas Instruments TPS61030PWPR Datasheet HTML 10Page - Texas Instruments TPS61030PWPR Datasheet HTML 11Page - Texas Instruments TPS61030PWPR Datasheet HTML 12Page - Texas Instruments TPS61030PWPR Datasheet HTML 13Page - Texas Instruments TPS61030PWPR Datasheet HTML 14Page - Texas Instruments TPS61030PWPR Datasheet HTML 15Page - Texas Instruments TPS61030PWPR Datasheet HTML 16Page - Texas Instruments TPS61030PWPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
www.ti.com
APPLICATION INFORMATION
Design Procedure
Programming the Output Voltage
R3 + R4
V
O
V
FB
* 1 + 180 kW
V
O
500 mV *
1
(1)
C
parR3 +
10 pF
200 kW
R4
–1
(2)
SW
C1
Power
Supply
L1
R1
R2
VBAT
VOUT
FB
C2
C3
LBO
PGND
LBI
SYNC
EN
GND
TPS6103x
VCC
Boost Output
Control Output
R3
R4
R6
Programming the LBI/LBO Threshold Voltage
TPS61030
TPS61031, TPS61032
SLUS534D – SEPTEMBER 2002 – REVISED APRIL 2004
The TPS6103x dc/dc converters are intended for systems powered by a dual or triple cell NiCd or NiMH battery
with a typical terminal voltage between 1.8 V and 5.5 V. They can also be used in systems powered by one-cell
Li-Ion with a typical stack voltage between 2.5 V and 4.2 V. Additionally, two or three primary and secondary
alkaline battery cells can be the power source in systems where the TPS6103x is used.
The output voltage of the TPS61030 dc/dc converter section can be adjusted with an external resistor divider.
The typical value of the voltage on the FB pin is 500 mV. The maximum allowed value for the output voltage is
5.5 V. The current through the resistive divider should be about 100 times greater than the current into the FB
pin. The typical current into the FB pin is 0.01 µA, and the voltage across R6 is typically 500 mV. Based on those
two values, the recommended value for R4 should be lower than 500 k
Ω, in order to set the divider current at 1
µA or higher. Because of internal compensation circuitry the value for this resistor should be in the range of 200
k
Ω. From that, the value of resistor R3, depending on the needed output voltage (V
O), can be calculated using
equation 1:
If as an example, an output voltage of 3.3 V is needed, a 1-M
Ω resistor should be chosen for R3. If for any
reason the value for R4 is chosen significantly lower than 200 k
Ω additional capacitance in parallel to R3 is
recommended. The required capacitance value can be easily calculated using Equation 2:
Figure 18. Typical Application Circuit for Adjustable Output Voltage Option
The current through the resistive divider should be about 100 times greater than the current into the LBI pin. The
typical current into the LBI pin is 0.01 µA, and the voltage across R2 is equal to the LBI voltage threshold that is
generated on-chip, which has a value of 500 mV. The recommended value for R2 is therefore in the range of 500
k
Ω. From that, the value of resistor R1, depending on the desired minimum battery voltage V
BAT, can be
calculated using Equation 3.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com