Electronic Components Datasheet Search
  English  ▼

X  

TPS61030PWPR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61030PWPR
Description  96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61030PWPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS61030PWPR Datasheet HTML 17Page - Texas Instruments TPS61030PWPR Datasheet HTML 18Page - Texas Instruments TPS61030PWPR Datasheet HTML 19Page - Texas Instruments TPS61030PWPR Datasheet HTML 20Page - Texas Instruments TPS61030PWPR Datasheet HTML 21Page - Texas Instruments TPS61030PWPR Datasheet HTML 22Page - Texas Instruments TPS61030PWPR Datasheet HTML 23Page - Texas Instruments TPS61030PWPR Datasheet HTML 24Page - Texas Instruments TPS61030PWPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
TPS61030PWPR
HTSSOP
PWP
16
2000
346.0
346.0
29.0
TPS61030RSAR
QFN
RSA
16
3000
340.5
333.0
20.6
TPS61031PWPR
HTSSOP
PWP
16
2000
346.0
346.0
29.0
TPS61031RSAR
QFN
RSA
16
3000
340.5
333.0
20.6
TPS61032PWPR
HTSSOP
PWP
16
2000
346.0
346.0
29.0
TPS61032RSAR
QFN
RSA
16
3000
340.5
333.0
20.6
PACKAGE MATERIALS INFORMATION
www.ti.com
15-Mar-2010
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com