Electronic Components Datasheet Search
  English  ▼

X  

TPS61030PWPR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61030PWPR
Description  96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61030PWPR Datasheet(HTML) 2 Page - Texas Instruments

  TPS61030PWPR Datasheet HTML 1Page - Texas Instruments TPS61030PWPR Datasheet HTML 2Page - Texas Instruments TPS61030PWPR Datasheet HTML 3Page - Texas Instruments TPS61030PWPR Datasheet HTML 4Page - Texas Instruments TPS61030PWPR Datasheet HTML 5Page - Texas Instruments TPS61030PWPR Datasheet HTML 6Page - Texas Instruments TPS61030PWPR Datasheet HTML 7Page - Texas Instruments TPS61030PWPR Datasheet HTML 8Page - Texas Instruments TPS61030PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
TPS61030
TPS61031, TPS61032
SLUS534D – SEPTEMBER 2002 – REVISED APRIL 2004
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
AVAILABLE OUTPUT VOLTAGE OPTIONS(1)
OUTPUT VOLTAGE
TA
PACKAGE
PART NUMBER(2)
DC/DC
Adjustable
TPS61030PWP
3.3 V
16-Pin TSSOP PowerPAD™
TPS61031PWP
5 V
TPS61032PWP
40
°C to 85°C
Adjustable
TPS61030RSA
3.3 V
16-Pin QFN
TPS61031RSA
5 V
TPS61032RSA
(1)
Contact the factory to check availability of other fixed output voltage versions.
(2)
The packages are available taped and reeled. Add R suffix to device type (e.g., TPS61030PWPR or TPS61030RSAR) to order
quantities of 2000 devices per reel for the PWP packaged devices and 3000 units per reel for the RSA package.
over operating free-air temperature range (unless otherwise noted)(1)
TPS6103x
Input voltage range on LBI
-0.3 V to 3.6 V
Input voltage range on SW, VOUT, LBO, VBAT, SYNC, EN, FB
-0.3 V to 7 V
Maximum junction temperature TJ
-40
°C to 150°C
Storage temperature range Tstg
-65
°C to 150°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
MIN
NOM
MAX
UNIT
Supply voltage at VBAT, VI
1.8
5.5
V
Operating ambient temperature range, TA
-40
85
°C
Operating virtual junction temperaturerange, TJ
-40
125
°C
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com