Electronic Components Datasheet Search
  English  ▼

X  

TLP173A Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP173A
Description  Telecommunications Control Equipment Data Acquisition System Security Equipment Measurement Equipment
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP173A Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP173A Datasheet HTML 1Page - Toshiba Semiconductor TLP173A Datasheet HTML 2Page - Toshiba Semiconductor TLP173A Datasheet HTML 3Page - Toshiba Semiconductor TLP173A Datasheet HTML 4Page - Toshiba Semiconductor TLP173A Datasheet HTML 5Page - Toshiba Semiconductor TLP173A Datasheet HTML 6Page - Toshiba Semiconductor TLP173A Datasheet HTML 7Page - Toshiba Semiconductor TLP173A Datasheet HTML 8Page - Toshiba Semiconductor TLP173A Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TLP173A
2009-12-22
4
I F ─ Ta
I ON ─ Ta
0
10
20
30
40
50
60
-40
-20
0
20
40
60
80
100
0
0
10
20
30
40
50
60
70
80
-40
-20
0
20
40
60
80
100
Ambient temperature Ta (
°C)
Ambient temperature Ta (
°C)
I F ─ VF
I ON ─ VON
0.1
1
10
100
0.8
0.9
1.0
1.1
1.2
1.3
1.4
Ta = 25℃
-80
-60
-40
-20
0
20
40
60
80
-2
-1
0
1
2
Ta = 25℃
IF = 3mA
Forward voltage VF (V)
On-sate voltage VON (V)
RON ─ Ta
I FT ─ Ta
0
10
20
30
-40
-20
0
20
40
60
80
100
IF = 3mA
ION = 70mA
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
-40
-20
0
20
40
60
80
100
0
ION = 70mA
Ambient temperature Ta (
°C)
Ambient temperature Ta (
°C)
*: The above graphs show typical characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com