Electronic Components Datasheet Search
  English  ▼

X  

TLP173A Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TLP173A
Description  Telecommunications Control Equipment Data Acquisition System Security Equipment Measurement Equipment
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP173A Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TLP173A Datasheet HTML 2Page - Toshiba Semiconductor TLP173A Datasheet HTML 3Page - Toshiba Semiconductor TLP173A Datasheet HTML 4Page - Toshiba Semiconductor TLP173A Datasheet HTML 5Page - Toshiba Semiconductor TLP173A Datasheet HTML 6Page - Toshiba Semiconductor TLP173A Datasheet HTML 7Page - Toshiba Semiconductor TLP173A Datasheet HTML 8Page - Toshiba Semiconductor TLP173A Datasheet HTML 9Page - Toshiba Semiconductor TLP173A Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TLP173A
2009-12-22
8
3.3 Empty Device Recesses Are as Shown in Table 2.
Table 2 Empty Device Recesses
Standard
Remarks
Occurrences of 2 or more
successive empty device
recesses
0
Within any given 40-mm section of
tape, not including leader and trailer
Single empty device
recesses
6 device (max.) per reel
Not including leader and trailer
3.4 Start and End of Tape
The start of the tape has 50 or more empty holes. The end of tape has 50 or more empty holes and two
empty turns only a cover tape.
3.5 Tape Specification
(1) Tape material: Plastic (protection against electrostatics)
(2) Dimensions: The tape dimensions are as shown in Figure 2 and Table 3.
Figure 2 Tape Forms
Table 3 Tape Dimensions
Unit: mm
Unless otherwise specified: ±0.1
Symbol
Dimension
Remark
A
4.2
―
B
7.6
―
D
5.5
Center line of indented square hole and sprocket hole
E
1.75
Distance between tape edge and hole center
F
8.0
Cumulative error
(max.) per 10 feed holes
G
4.0
Cumulative error
(max.) per 10 feed holes
K0
2.8
Internal space
+0.1
-0.3
+0.1
-0.3
0.3
± 0.05
3.15
± 0.2
K0
G
F
φ1.6 ± 0.1
A
φ1.5 +0.1
−0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com