Electronic Components Datasheet Search
  English  ▼

X  

TLP2108 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP2108
Description  Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2108 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP2108 Datasheet HTML 1Page - Toshiba Semiconductor TLP2108 Datasheet HTML 2Page - Toshiba Semiconductor TLP2108 Datasheet HTML 3Page - Toshiba Semiconductor TLP2108 Datasheet HTML 4Page - Toshiba Semiconductor TLP2108 Datasheet HTML 5Page - Toshiba Semiconductor TLP2108 Datasheet HTML 6Page - Toshiba Semiconductor TLP2108 Datasheet HTML 7Page - Toshiba Semiconductor TLP2108 Datasheet HTML 8Page - Toshiba Semiconductor TLP2108 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TLP2108
2008-11-26
4
Switching Characteristics
(Unless otherwise specified, Ta=-40 to 100℃、VCC=4.5 to 20 V)(Each Channel)
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
TEST CONDITION
MIN
TYP.
MAX
UNIT
Propagation Delay Time
to Logic High output
tpLH
IF=3→0 mA
30
150
250
ns
Propagation Delay Time
to Logic Low output
tpHL
IF=0→3 mA
30
150
250
ns
Switching Time Dispersion
between ON and OFF
|tpHL-
tpLH|
―
―
―
220
ns
Rise Time (10 – 90 %)
tr
IF=3→0 mA , VCC=5 V
―
30
75
ns
Fall Time (90 – 10 %)
tf
7,8
IF=0→3 mA , VCC=5 V
―
30
75
ns
Common Mode transient
Immunity at High Level Output
CMH
VCM=1000 Vp-p , IF=0 mA,
VCC=20 V , Ta=25°C
10000
―
―
V/μs
Common Mode transient
Immunity at Low Level Output
CML
9
VCM=1000 Vp-p , IF=5 mA,
VCC=20 V , Ta=25°C
-10000
―
―
V/μs
*All typical values are at Ta=25
°C
Note 5: A ceramic capacitor (0.1 μA) should be connected from pin 8 to pin 5 to stabilize the operation of the high
gain linear amplifier. Failure to provide the bypassing may impair the switching property. The total lead
length between capacitor and coupler should not exceed 1 cm.
TEST CIRCUIT 1: VOL Test Circuit
TEST CIRCUIT 2: VOH Test Circuit
TEST CIRCUIT 3: ICCL Test Circuit
TEST CIRCUIT 4: ICCH Test Circuit
TEST CIRCUIT 5: IOSL Test Circuit
TEST CIRCUIT 6: IOSH Test Circuit
VCC
IF
VCC
GND
SHIELD
1
3
4
2
6
7
8
5
V
0.1 μF
VOL
IO
1
3
4
2
VCC
GND
SHIELD
6
7
8
5
V
VCC
0.1 μF
VO
IO
VF
1
3
6
7
8
VCC
GND
SHIELD
5
4
2
A
IF1
IF2
VCC
0.1 μF
ICCL
1
3
6
7
8
VCC
GND
SHIELD
5
4
2
A
VCC
0.1 μF
ICCH
VCC
GND
SHIELD
1
3
4
2
6
7
8
5
A
IF
VCC
0.1 μF
VO
IOSL
1
3
4
2
VCC
GND
SHIELD
6
7
8
5
A
VCC
0.1 μF
VO
IOSH



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com