Electronic Components Datasheet Search
  English  ▼

X  

TLP2108 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP2108
Description  Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2108 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP2108 Datasheet HTML 1Page - Toshiba Semiconductor TLP2108 Datasheet HTML 2Page - Toshiba Semiconductor TLP2108 Datasheet HTML 3Page - Toshiba Semiconductor TLP2108 Datasheet HTML 4Page - Toshiba Semiconductor TLP2108 Datasheet HTML 5Page - Toshiba Semiconductor TLP2108 Datasheet HTML 6Page - Toshiba Semiconductor TLP2108 Datasheet HTML 7Page - Toshiba Semiconductor TLP2108 Datasheet HTML 8Page - Toshiba Semiconductor TLP2108 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TLP2108
2008-11-26
1
TOSHIBA PHOTOCOUPLER GaAℓAs Ired & PHOTO-IC
TLP2108
Isolated Bus Drivers
High Speed Line Receivers
Microprocessor System Interfaces
The Toshiba TLP2108 consists of GaAℓAs light emitting diodes and
integrated high-gain, high-speed photodetectors.
The TLP2108 is housed in the SO8 package.
The photodetector has a totem-pole output stage that can source and sink
current.
The photodetector has an internal Faraday shield that provides a
guaranteed common-mode transient immunity of ±10 kV/μs.
The TLP2108 provides an inverting logic output. A noninverting logic
version, the TLP2105, is also available.
Inverting logic output (totem-pole output)
Guaranteed performance over -40 to 100°C
Power supply voltage: 4.5 to 20 V
Input threshold current: IFHL = 1.6 mA (max)
Switching time (tpLH / tpHL): 250 ns (max)
Common-mode transient immunity: ±10 kV/
μs
Isolation voltage: 2500 Vrms
Truth Table
Input
LED1(2)
Tr1(3)
Tr2(4)
Output 1(2)
H
ON
OFF
ON
L
L
OFF
ON
OFF
H
0.305 min
0.38
1.27 ±0.15
1
2
3
4
8
6
5
5.1 ±0.2
6.0 ±0.2
11-5K1
7
JEDEC
―
JEITA
―
TOSHIBA
11−5K1
Weight: 0.21 g (typ.)
Pin Configuration (Top View)
Unit: mm
Schematic
A bypass capacitor of 0.1 μF must be
connected between pins 8 and 5.
GND
SHIELD
VCC
VO1
ICC
IO1
8
7
SHIELD
2-
1+
VO2
IO2 6
5
4+
3-
Tr1
Tr2
Tr3
LED1
LED2
IF1
IF2
Tr4
VF2
VF1
1: ANODE 1
2: CATHODE 1
3: CATHODE 2
4: ANODE 2
5: GND
6: VO2 (Output 2)
7: VO1 (Output 1)
8: VCC
1
3
6
7
8
VCC
GND
SHIELD
5
4
2


Similar Part No. - TLP2108

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2105 TOSHIBA-TLP2105 Datasheet
304Kb / 11P
PHOTOCOUPLER GaAℓAs Ired & PHOTO-IC
26-Nov-2008
More results

Similar Description - TLP2108

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLVDS051 STMICROELECTRONICS-STLVDS051 Datasheet
283Kb / 11P
HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
Jul-2003
logo
Texas Instruments
SN65LVDM179 TI-SN65LVDM179 Datasheet
268Kb / 20P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1050 TI-SN65LVDS1050 Datasheet
228Kb / 17P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
Toshiba Semiconductor
TLP115 TOSHIBA-TLP115 Datasheet
217Kb / 8P
High Speed, Long Distance Isolated Line Receiver Microprocessor System Interfaces
TLP558 TOSHIBA-TLP558 Datasheet
215Kb / 7P
Isolated Bus Driver High Speed Line Receiver Microprocessor System Interfaces MOS FET Gate Driver Transistor Inverter
logo
Texas Instruments
SN65LVDM050-Q1 TI-SN65LVDM050-Q1 Datasheet
290Kb / 20P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM179 TI-SN65LVDM179_07 Datasheet
1Mb / 26P
HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
Toshiba Semiconductor
TLP651 TOSHIBA-TLP651_07 Datasheet
477Kb / 7P
Microprocessor System Interfaces
01-Oct-2007
TLP715 TOSHIBA-TLP715_14 Datasheet
292Kb / 9P
Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
TLP718 TOSHIBA-TLP718_15 Datasheet
582Kb / 9P
Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com