Electronic Components Datasheet Search
  English  ▼

X  

TLP2108 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP2108
Description  Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2108 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP2108 Datasheet HTML 1Page - Toshiba Semiconductor TLP2108 Datasheet HTML 2Page - Toshiba Semiconductor TLP2108 Datasheet HTML 3Page - Toshiba Semiconductor TLP2108 Datasheet HTML 4Page - Toshiba Semiconductor TLP2108 Datasheet HTML 5Page - Toshiba Semiconductor TLP2108 Datasheet HTML 6Page - Toshiba Semiconductor TLP2108 Datasheet HTML 7Page - Toshiba Semiconductor TLP2108 Datasheet HTML 8Page - Toshiba Semiconductor TLP2108 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TLP2108
2008-11-26
3
Electrical Characteristics
(Unless otherwise specified, Ta=-40 to 100
°C, VCC=4.5 to 20 V)
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
TEST CONDITION
MIN
TYP.
MAX
UNIT
Input Forward Voltage
VF
―
IF=10 mA , Ta=25°C
1.45
1.57
1.75
V
Temperature Coefficient
of Forward Voltage
ΔVF/ΔTa
―
IF=10 mA
―
-2.0
―
mV/
°C
Input Reverse Current
IR
―
VR=5 V , Ta=25°C
―
―
10
μA
Input Capacitance
CT
―
V=0 , f=1 MHz , Ta=25
°C
―
45
―
pF
Logic Low Output Voltage
VOL
1
IOL=3.5 mA , IF=5 mA
―
0.2
0.6
V
VCC=4.5 V
2.7
4.0
―
Logic High Output Voltage
VOH
2
IOH=-2.6 mA,
VF=0.8 V
VCC=20 V
17.4
18.1
―
V
VCC=20 V
―
―
6.0
Logic Low Supply Current
ICCL
3
IF1=IF2=5 mA
VCC=5.5 V
―
―
6.0
mA
VCC=20 V
―
―
6.0
Logic High Supply Current
ICCH
4
VF=0 V
VCC=5.5 V
―
―
6.0
mA
VCC=VO=5.5 V
15
80
―
Logic Low Short Circuit
Output Current
(Note 4)
IOSL
5
IF=5 mA
VCC=VO=20 V
20
90
―
mA
VCC=5.5 V
-5
-15
―
Logic High Short Circuit
Output Current
(Note 4)
IOSH
6
VF=0 V
VO=GND
VCC=20 V
-10
-20
―
mA
Input Current Logic High
Output
IFHL
―
IO=3.5 mA, VO<0.6 V
―
0.4
1.6
mA
Input Voltage Logic Low
Output
VFLH
―
IO=-2.6 mA, VO>2.4 V
0.8
―
―
V
Input Current Hysteresis
IHYS
―
VCC=5 V
―
0.05
―
mA
*All typical values are at Ta=25°C, VCC=5 V unless otherwise specified
Note 4: Duration of output short circuit time should not exceed 10 ms.
Isolation Characteristics (Ta = 25℃)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
Capacitance input to output
CS
VS = 0,f = 1 MHz
(Note 3)
―
0.8
―
pF
Isolation resistance
RS
R.H.
≤ 60%,VS = 500 V
(Note 3)
1×10
12
10
14
―
Ω
AC,1 minute
2500
―
―
AC,1 second,in oil
―
5000
―
Vrms
Isolation voltage
BVS
DC,1 minute,in oil
―
5000
―
Vdc



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com