Electronic Components Datasheet Search
  English  ▼

X  

B9080 Datasheet(PDF) 3 Page - EPCOS

Part # B9080
Description  SAW GPS Filter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9080 Datasheet(HTML) 3 Page - EPCOS

  B9080 Datasheet HTML 1Page - EPCOS B9080 Datasheet HTML 2Page - EPCOS B9080 Datasheet HTML 3Page - EPCOS B9080 Datasheet HTML 4Page - EPCOS B9080 Datasheet HTML 5Page - EPCOS B9080 Datasheet HTML 6Page - EPCOS B9080 Datasheet HTML 7Page - EPCOS B9080 Datasheet HTML 8Page - EPCOS B9080 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
May 12, 2009
B9080
1575.42 MHz
SAW Components
SAW GPS Filter
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics of Filter
Temperature range for specification:
T
= –30 ˚C to +85˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
B9080
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
1575.42
—
MHz
Maximum insertion attenuation
α
max
1573.42 ... 1577.42 MHz
—
1.2
1.5
dB
Amplitude ripple (p-p)
∆α
1573.42 ... 1577.42 MHz
—
0.1
0.4
dB
VSWR (Input and Output)
1573.42 ... 1577.42 MHz
—
1.35
1.8
IIP2 (2nd order Input Intercept Point)
2 tone (cw) method:
P1@+22.5dBm @F1=824MHz..915MHz
P2 @-0.5dBm @F2=F1+1575.42MHz
110.5
117.8
—
dBm
P1@+21dBm @F1=824MHz..915MHz
P2 @+14dBm @F2=F1+1575.42MHz
98.0
115
—
dBm
P1@+20dBm @F1=1710MHz..1785MHz
P2 @-13.3dBm @F2=F1+1575.42MHz
95
111
—
dBm
P1@+20dBm @F1=1850MHz..1910MHz
P2 @-13.3dBm @F2=F1+1575.42MHz
95
110
—
dBm
IIP3 (3rd order Input Intercept Point)
2 tone (cw) method:
P1@+20dBm @F1=1710MHz..1785MHz
P2 @+11dBm @F2=2*F1+1575.42MHz
95
110
—
dBm
P1@+21dBm @F1=824MHz..915MHz
P2@-13.3dBm @F2=2*F1+1575.42MHz
90
105
—
dBm
P1@+20dBm @F1=2500MHz..2570MHz
P2@-13.3dBm @F2=2*F1-1575.42MHz
85
100
—
dBm
Group delay ripple (p-p)
∆τ
1573.42 ... 1577.42 MHz
—
8
20
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com