Electronic Components Datasheet Search
  English  ▼

X  

B9080 Datasheet(PDF) 4 Page - EPCOS

Part # B9080
Description  SAW GPS Filter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9080 Datasheet(HTML) 4 Page - EPCOS

  B9080 Datasheet HTML 1Page - EPCOS B9080 Datasheet HTML 2Page - EPCOS B9080 Datasheet HTML 3Page - EPCOS B9080 Datasheet HTML 4Page - EPCOS B9080 Datasheet HTML 5Page - EPCOS B9080 Datasheet HTML 6Page - EPCOS B9080 Datasheet HTML 7Page - EPCOS B9080 Datasheet HTML 8Page - EPCOS B9080 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
May 12, 2009
B9080
1575.42 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW GPS Filter
Data Sheet
Attenuation
α
0.1
...
824.0
MHz
48
57
—
dB
824.0
...
849.0
MHz
50
57
—
dB
849.0
...
915.0
MHz
50
56
—
dB
915.0
... 1400.0
MHz
48
55
—
dB
1611.0
... 1648.0
MHz
6
13
—
dB
1648.0
... 1710.0
MHz
45
61
—
dB
1710.0
... 1785.0
MHz
53
61
—
dB
1785.0
... 1850.0
MHz
46
61
—
dB
1850.0
... 1910.0
MHz
46
62
—
dB
1910.0
... 1980.0
MHz
46
61
—
dB
1980.0
... 2400.0
MHz
43
51
—
dB
2400.0
... 2484.0
MHz
43
50
—
dB
2484.0
... 2570.0
MHz
42
48
—
dB
2570.0
... 3900.0
MHz
33
41
—
dB
3900.0
... 4400.0
MHz
30
41
—
dB
4400.0
... 5150.0
MHz
15
27
—
dB
5150.0
... 5400.0
MHz
14
20
—
dB
5400.0
... 6000.0
MHz
10
15
—
dB
((824 - 849) + (2400 - 2484))/2 MHz
45
53.5
—
dB
((849 - 915) + (2400 - 2484))/2 MHz
45
53
—
dB
B9080
min.
typ.
@ 25 ˚C
max.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com