Electronic Components Datasheet Search
  English  ▼

X  

B9080 Datasheet(PDF) 5 Page - EPCOS

Part # B9080
Description  SAW GPS Filter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9080 Datasheet(HTML) 5 Page - EPCOS

  B9080 Datasheet HTML 1Page - EPCOS B9080 Datasheet HTML 2Page - EPCOS B9080 Datasheet HTML 3Page - EPCOS B9080 Datasheet HTML 4Page - EPCOS B9080 Datasheet HTML 5Page - EPCOS B9080 Datasheet HTML 6Page - EPCOS B9080 Datasheet HTML 7Page - EPCOS B9080 Datasheet HTML 8Page - EPCOS B9080 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
May 12, 2009
B9080
1575.42 MHz
SAW Components
SAW GPS Filter
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Maximum ratings of Filter
Operable temperature range T
–30/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
5
V
ESD voltage @ Input
Contact Discharge
VESD
± 81)
1) acc. to IEC61000-4-2 (Contact discharge, Rs = 330 R, Cs = 150 pF), 10 negative & 10 positive pulses.
kV
at input pin 1
Air Discharge
VESD
± 152)
2) acc. to IEC61000-4-2 (Air discharge, Rs = 330 R, Cs = 150 pF), 10 negative & 10 positive pulses.
kV
at input pin 1
Machine Model
VESD
± 10003)
3) acc. to JESD22-A115A (Machine model, Rs = 0 R, Cs = 200 pF), 10 negative & 10 positive pulses.
V
at input pin 1
Machine Model
VESD
± 1002)
V
at output pin 3
Charge Device Model
VESD
± 5004)
4) acc. to JESD22-C101 (Charge device model)
V
at input and output (pin 1 and 3)
Human Body Model
VESD
± 2005)
5) acc. to JESD22-A114 (Human body model, Rs = 1500 R, Cs = 100 pF), 1 negative & 1 positive pulse.
V
at input and output (pin 1 and 3)
Input power
WCDMA systems
PIN
30
dBm
Average, cw
TDMA systems
PIN
36
dBm
Peak, max. duty cycle 1:2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com