Electronic Components Datasheet Search
  English  ▼

X  

RF2146 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2146
Description  PCS LINEAR POWER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2146 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2146 Datasheet HTML 1Page - RF Micro Devices RF2146 Datasheet HTML 2Page - RF Micro Devices RF2146 Datasheet HTML 3Page - RF Micro Devices RF2146 Datasheet HTML 4Page - RF Micro Devices RF2146 Datasheet HTML 5Page - RF Micro Devices RF2146 Datasheet HTML 6Page - RF Micro Devices RF2146 Datasheet HTML 7Page - RF Micro Devices RF2146 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2-149
RF2146
Rev A3 001026
2
Pin
Function
Description
Interface Schematic
1VCC
Power supply for the driver stage, and interstage matching. Shunt
capacitance is required on this pin. The value of the capacitance is fre-
quency dependent. 4.7pF centers the gain at 1880 MHz.
2GND
Ground connection for final stage. Keep traces physically short and
connect immediately to the ground plane for best performance.
3GND
Same as pin 2.
4RF IN
RF input. This is a 50
Ω input, but the actual input impedance depends
on the interstage matching network connected to pin 1. An external DC
blocking capacitor is required if this port is connected to a DC path to
ground or a DC voltage.
See pin 1.
5GND
Ground connection for the driver stage. Keep traces physically short
and connect immediately to the ground plane for best performance.
6GND
Same as pin 2.
7GND
Same as pin 2.
8
BYP1
Bypass Pin. Part of the matching circuit for interstage match. DC con-
nected to VCC1. Use a suitable bypass capacitor to ground. Keep
capacitor as close to pin as possible.
See pin 1.
9PC
Power Control. When this pin is "low", all circuits are shut off. A "low" is
typically 0.5V. When this pin is "high", the part operates normally, and
the pin consumes approximately 13mA during normal operation.
This pin should never exceed 5V.
10
GND
Same as pin 2.
11
GND
Same as pin 2.
12
RF OUT
RF Output and power supply for the output stage. The two output pins
are combined, and bias voltage for the final stage is provided through
these pins. An external matching network is required to provide the
optimum load impedance; see the application schematics for details.
13
RF OUT
Same as pin 12.
See pin 12.
14
GND
Same as pin 2.
15
GND
Same as pin 2.
16
BYP2
Bypass Pin. Part of the matching circuit for interstage match. DC con-
nected to VCC1. For 1880 MHz operation, use a 3.3pF capacitor to
ground. Keep capacitor as close to pin as possible.
See pin 1.
RF IN
VCC
From Bias
Stages
PC
To RF
Transistors
RF OUT
From Bias
Stages



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com