Electronic Components Datasheet Search
  English  ▼

X  

RF2146 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF2146
Description  PCS LINEAR POWER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2146 Datasheet(HTML) 8 Page - RF Micro Devices

  RF2146 Datasheet HTML 1Page - RF Micro Devices RF2146 Datasheet HTML 2Page - RF Micro Devices RF2146 Datasheet HTML 3Page - RF Micro Devices RF2146 Datasheet HTML 4Page - RF Micro Devices RF2146 Datasheet HTML 5Page - RF Micro Devices RF2146 Datasheet HTML 6Page - RF Micro Devices RF2146 Datasheet HTML 7Page - RF Micro Devices RF2146 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
2-154
RF2146
Rev A3 001026
2
Pout vs. Pin
Vcc=4.8 V, Vpc=3.6 V, 1.88 GHz
5
10
15
20
25
30
-10
-5
0
5
10
15
Pin (dBm)
+25°C
-30°C
+85°C
Efficiency vs. Pout
Vcc=4.8 V, Vpc=3.6 V, 1.88 GHz
0
10
20
30
40
50
5
1015
202530
Pout (dBm)
+25°C
-30°C
+85°C
Pout vs. Pin
Vpc=3.6 V, 1.88 GHz, +25°C
5
10
15
20
25
30
-10
-5
0
5
10
15
Pin (dBm)
Vcc = 4.8 V
Vcc = 4.2 V
Efficiency vs. Pout
Vpc=3.6 V, 1.88 GHz, +25°C
0
10
20
30
40
50
5
1015
202530
Pout (dBm)
Vcc = 4.8 V
Vcc = 4.2 V
Pout vs. Pin
Vcc=4.8 V, Vpc=3.6 V, +25°C
5
10
15
20
25
30
-10
-5
0
5
10
15
Pin (dBm)
1.88 GHz
1.91 GHz
1.85 GHz
Efficiency vs. Pout
Vcc=4.8 V, Vpc=3.6 V, +25°C
0
10
20
30
40
50
5
1015
202530
Pout (dBm)
1.88 GHz
1.91 GHz
1.85 GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com