Electronic Components Datasheet Search
  English  ▼

X  

RF2146 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2146
Description  PCS LINEAR POWER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2146 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2146 Datasheet HTML 1Page - RF Micro Devices RF2146 Datasheet HTML 2Page - RF Micro Devices RF2146 Datasheet HTML 3Page - RF Micro Devices RF2146 Datasheet HTML 4Page - RF Micro Devices RF2146 Datasheet HTML 5Page - RF Micro Devices RF2146 Datasheet HTML 6Page - RF Micro Devices RF2146 Datasheet HTML 7Page - RF Micro Devices RF2146 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2-151
RF2146
Rev A3 001026
2
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
C2
100 pF
C5
100 pF
RF IN
L=500 mil, W=20 mil
C1
4.7 pF
C11
100 pF
C20
3.3
µF
VCC
C3
3.3 pF
PC
C4
100 pF
C19
3.3
µF
C7
3.3 pF
L1
3.3 nH
C8
100 pF
1/4 Wavelength Line;
L=910 mil, W=20 mil
RF OUT
VCC
(PCB mat'l: FR-4;
Thickness: 31 mil; 28 mil core)
RF2146
22 pF
3.3
µF
1 nF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com