Electronic Components Datasheet Search
  English  ▼

X  

RF2153 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2153
Description  CDMA/TDMA/PACS 1900MHZ 3V POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2153 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF2153 Datasheet HTML 2Page - RF Micro Devices RF2153 Datasheet HTML 3Page - RF Micro Devices RF2153 Datasheet HTML 4Page - RF Micro Devices RF2153 Datasheet HTML 5Page - RF Micro Devices RF2153 Datasheet HTML 6Page - RF Micro Devices RF2153 Datasheet HTML 7Page - RF Micro Devices RF2153 Datasheet HTML 8Page - RF Micro Devices RF2153 Datasheet HTML 9Page - RF Micro Devices RF2153 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
2-172
RF2153
Rev A18 001114
2
Application Schematic
Korea - CDMA
18 0
1.8 nH
9 p F
10 nF
10 pF
10 nF
15 pF
15 pF
RF IN
15 pF
1 k
15 pF
15 nH
1
2
3
4
5
13
12
11
10
9
67
8
16
14
15
VR EG
VM O D E
V
C
C
5.6 pF **
2.2 pF **
15 pF
RF O U T
12 nH *
15 pF
10 nF
1.0 pF + .2 5 pF
47
TL
1
TL
2
TL
3
C D M A (K orea)
T ran sm is sio n
Line Length
TL
1
30 m ils
10 0 m ils
30 m ils
TL
2
TL
3
T ied together fo r optim um linearity
* H igh Q inducto r (i.e ., C o ilcraft 0805H Q -se ries).
**H igh Q capacitors (i.e ., Johanson C -se ries).
27
2nd In te rstage tuning for
ce ntering frequency re sponse
B ypassing fo r V
CC
G round fo r 2nd
H a rm on ic T rap
1st In terstage tu ning to
m a tch in p ut re turn lo ss
T o m a tch input retu rn lo ss
and vary gain
B ypassing fo r
V
RE G 1 a nd V RE G 2
M a tching N etw o rk fo r
optim um load im pedance
B ia s re tu rn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com