Electronic Components Datasheet Search
  English  ▼

X  

RF2153 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF2153
Description  CDMA/TDMA/PACS 1900MHZ 3V POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2153 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF2153 Datasheet HTML 4Page - RF Micro Devices RF2153 Datasheet HTML 5Page - RF Micro Devices RF2153 Datasheet HTML 6Page - RF Micro Devices RF2153 Datasheet HTML 7Page - RF Micro Devices RF2153 Datasheet HTML 8Page - RF Micro Devices RF2153 Datasheet HTML 9Page - RF Micro Devices RF2153 Datasheet HTML 10Page - RF Micro Devices RF2153 Datasheet HTML 11Page - RF Micro Devices RF2153 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
2-174
RF2153
Rev A18 001114
2
Evaluation Board Schematic
US - CDMA
R2
L3
1.5 nH
C11
8 pF
C12
10 nF
C7
1 uF
C30
C8
10 nF
C6
15 pF
C5
15 pF
C27
15 pF
R1
1 k
C13
15 pF
Tied together for optimum linearity
L4
15 nH
1
2
3
4
5
13
12
11
10
9
678
16
14
15
C1**
C15**
C3
15 pF
L1*
C4
15 pF
C26
10 nF
C14
1 pF
R3
39
CDMA (US)
Board
R2 (
Ω)
C15 (pF)
C30 (pF)
C1 (pF)
L1 (nH)
150
2.2
10
4.7
12
TL
1
TL
2
TL
3
C10
1 uF
* L1 is a High Q inductor (i.e., Coilcraft 0805HQ-series).
**C1 and C15 are High Q capacitors (i.e., Johanson C-series).
P1-1
J2
RF OUT
J1
RF IN
C2
4.7 uF
+
2153400 Rev. A
50
Ω µstrip
R4
0
P1
1
2
P1-1
VCC
GND
P2
1
2
P2-1
VREG
VMODE
P2-2
P2-1
P2-2
TL
4
100 mils
or > 2.7 nH
inductor
TL
4
20 mils
TL
3
100 mils
TL
2
20 mils
TL
1
CDMA (US)
Transmission
Line Length



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com