Electronic Components Datasheet Search
  English  ▼

X  

RF2153 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2153
Description  CDMA/TDMA/PACS 1900MHZ 3V POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2153 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF2153 Datasheet HTML 3Page - RF Micro Devices RF2153 Datasheet HTML 4Page - RF Micro Devices RF2153 Datasheet HTML 5Page - RF Micro Devices RF2153 Datasheet HTML 6Page - RF Micro Devices RF2153 Datasheet HTML 7Page - RF Micro Devices RF2153 Datasheet HTML 8Page - RF Micro Devices RF2153 Datasheet HTML 9Page - RF Micro Devices RF2153 Datasheet HTML 10Page - RF Micro Devices RF2153 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
2-173
RF2153
Rev A18 001114
2
Application Schematic
US - TDMA
100
1 nH
15 pF
10 nF
15 pF
15 pF
RF IN
1
2
3
4
5
13
12
11
10
9
678
16
14
15
15 pF
4.7 k
15 pF
VREG
VMODE
15 nH
4.7 pF**
1.8 pF**
15 pF
RF OUT
12 nH*
15 pF
10 nF
1 pF
TL
1
TL
2
10 pF
10 nF
V
CC
TL
3
TDMA (US)
Transmission
Line Length
TL
1
20 mils
160 mils
10 mils
TL
2
TL
3
Tied together for optimum linearity
* High Q inductor (i.e., Coilcraft 0805HQ-series).
**High Q capacitors (i.e., Johanson C-series).
0
0
Bypassing for V
CC
2nd Interstage tuning for
centering frequency response
1st Interstage tuning to
match input return loss
To match input return loss
and vary gain
Ground for 2nd
Harmonic Trap
Bias return
Bypassing for
V
REG1 and VREG2
Matching Network for
optimum load impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com