Electronic Components Datasheet Search
  English  ▼

X  

SC195 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC195
Description  3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC195 Datasheet(HTML) 1 Page - Semtech Corporation

  SC195 Datasheet HTML 1Page - Semtech Corporation SC195 Datasheet HTML 2Page - Semtech Corporation SC195 Datasheet HTML 3Page - Semtech Corporation SC195 Datasheet HTML 4Page - Semtech Corporation SC195 Datasheet HTML 5Page - Semtech Corporation SC195 Datasheet HTML 6Page - Semtech Corporation SC195 Datasheet HTML 7Page - Semtech Corporation SC195 Datasheet HTML 8Page - Semtech Corporation SC195 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© 2010 Semtech Corporation
POWER MANAGEMENT
1
SC195
3.5MHz, 500mA Synchronous
Step Down DC-DC Regulator
Features
Input Voltage — 2.9V to 5.5V
Output Voltage — 0.8V to 3.3V
Output current capability — 500mA
Efficiency up to 94%
15 Programmable output voltages
High light-load efficiency via automatic PSAVE mode
Fast transient response
Temperature range — -40 to +85°C
Oscillator frequency — 3.5MHz
100% duty cycle capability
Quiescent current — 38µA typ
Shutdown Current — 0.1µA typ
Internal soft-start
Over-voltage protection
Current limit and short circuit protection
Over-temperature protection
Under-voltage lockout
Floating control pin protection
MLPQ-UT8 1.5 x 1.5 x 0.6 (mm) package
Pb free, halogen free, and RoHS/WEEE compliant
Applications
Smart phones and cellular phones
MP3/Personal media players
Personal navigation devices
Digital cameras
Single Li-ion cell or 3 NiMH/NiCd cell devices
Devices with 3.3V or 5V internal power rails
Description
The SC195 is a high efficiency, 500mA step down regula-
tor designed to operate with an input voltage range of
2.9V to 5.5 V. The input voltage range makes it ideal for
battery operated applications with space limitations. The
SC195 also includes fifteen programmable output voltage
settings that can be selected using the four control pins,
eliminating the need for external feedback resistors. The
output voltage can be fixed to a single setting or dynami-
cally switched between different levels. Pulling all four
control pins low disables the output.
The SC195 operates at a fixed 3.5MHz switching frequency
in normal PWM (Pulse-Width Modulation) mode. A vari-
able frequency PSAVE (power-save) mode is used to
optimize efficiency at light loads for each output setting.
Built-in hysteresis prevents chattering between the two
modes.
The SC195 provides several protection features to safe-
guard the device under stressed conditions. These
include short circuit protection, over-temperature protec-
tion, under-voltage lockout, and soft-start to control
in-rush current. These features, coupled with the small
1.5 x 1.5 x 0.6 (mm) package make the SC195 a versatile
device ideal for step-down regulation in products needing
high efficiency and a small PCB footprint.
SC195
IN
CTL3
CTL2
CTL1
CTL0
LX
OUT
GND
VOUT
0.8V to 3.3V
VIN
2.9V to 5.5V
LX
1.0µH
COUT
10µF
CIN
4.7µF
Control Logic
Lines
Typical Application Circuit
June 29, 2010


Similar Part No. - SC195

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC195 SEMTECH-SC195 Datasheet
338Kb / 18P
3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
SC195B SEMTECH-SC195B Datasheet
614Kb / 19P
3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
SC195BCSTRT SEMTECH-SC195BCSTRT Datasheet
614Kb / 19P
3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
SC195BEVB SEMTECH-SC195BEVB Datasheet
614Kb / 19P
3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
SC195EVB SEMTECH-SC195EVB Datasheet
338Kb / 18P
3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
More results

Similar Description - SC195

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3655 UTC-UC3655 Datasheet
277Kb / 9P
500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
logo
Semtech Corporation
SC195 SEMTECH-SC195 Datasheet
338Kb / 18P
3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
SC197 SEMTECH-SC197 Datasheet
1Mb / 20P
3.5MHz, 500mA Synchronous Dual Step-Down DC-DC Regulator
logo
Unisonic Technologies
UC3655 UTC-UC3655_10 Datasheet
301Kb / 9P
500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
UC3655 UTC-UC3655_11 Datasheet
302Kb / 9P
500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
logo
Semtech Corporation
SC202AMLTRT SEMTECH-SC202AMLTRT Datasheet
541Kb / 19P
3.5MHz, 500mA Step-down Regulator
SC195B SEMTECH-SC195B Datasheet
614Kb / 19P
3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
SC195F SEMTECH-SC195F Datasheet
581Kb / 18P
3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
logo
Unisonic Technologies
UC3655 UTC-UC3655_14 Datasheet
355Kb / 9P
500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
logo
Torex Semiconductor
XC9215 TOREX-XC9215 Datasheet
239Kb / 21P
500mA Synchronous Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com