Electronic Components Datasheet Search
  English  ▼

X  

SC195 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC195
Description  3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC195 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC195 Datasheet HTML 10Page - Semtech Corporation SC195 Datasheet HTML 11Page - Semtech Corporation SC195 Datasheet HTML 12Page - Semtech Corporation SC195 Datasheet HTML 13Page - Semtech Corporation SC195 Datasheet HTML 14Page - Semtech Corporation SC195 Datasheet HTML 15Page - Semtech Corporation SC195 Datasheet HTML 16Page - Semtech Corporation SC195 Datasheet HTML 17Page - Semtech Corporation SC195 Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
SC195
14
VOUT -2%
VOUT
VOUT +2.5%
Load
Demand
(
IOUT)
BURST
OFF
VLX
Time
PWM Mode at
Medium/High
Load
PSAVE Mode at
Light Load
PWM Mode at
Medium/High
Load
PSAVE
EXIT
Figure 2 — Transitions Between PWM and PSAVE Modes
Protection Features
The SC195 provides the following protection features:
Soft-Start Operation
Over-Voltage Protection
Current Limit
Thermal Shutdown
Under-Voltage Lockout
Soft-Start
The soft-start sequence is activated after a transition from
an all zeros CTL code to a non-zero CTL code enables the
device. At start-up, the PMOS current limit is stepped
through four levels: 25%, 40%, 60%, and 100%. Each step
is maintained for 60μs following an internal reference start
up of 20μs, resulting in a total nominal start-up period of
260μs. If V
OUT reaches 90% of the target within the first 2
steps, the device continues in PSAVE mode at the end of
soft-start; otherwise, it goes into PWM mode. Note the
V
OUT ripple in PSAVE mode can be larger than the ripple in
PWM mode.
Over-Voltage Protection
Over-voltage protection ensures the output voltage does
not rise to a level that could damage its load. When V
OUT
exceeds the regulation voltage by 15%, the PWM drive is
•
•
•
•
•
Applications Information (continued)
disabled. Switching does not resume until V
OUT has fallen
below the regulation voltage by 2%.
Current Limit
The SC195 switching stage is protected by a current limit
function. If the output load exceeds the PMOS current
limit for 32 consecutive switching cycles, the device enters
fold-back current limit mode and the output current is
limited to approximately 150mA. Under these conditions,
the output voltage will be the product of I
FB-LIM and the load
resistance. The load must fall below I
FB-LIM for the device to
exit fold-back current limit mode. This function makes the
device capable of sustaining an indefinite short circuit on
its output under fault conditions.
Thermal Shutdown
The SC195 has a thermal shutdown feature to protect the
device if the junction temperature exceeds 160°C. During
thermal shutdown, the PMOS and NMOS switches are
both disabled, tri-stating the LX output. When the junc-
tion temperature drops by the hysteresis value (20°C), the
device goes through the soft-start process and resumes
normal operation.
Under-Voltage Lockout
Under-Voltage Lockout (UVLO) activates when the supply
voltage drops below the UVLO threshold. This prevents
the device from entering an ambiguous state in which
regulation cannot be maintained. Hysteresis of approxi-
mately 200mV is included to prevent chattering near the
threshold.
Inductor Selection
The SC195 is designed to operate with a 1µH inductor
between the LX pin and the OUT pin. Other values may
lead to instability, malfunction, or out-of-specification
performance. The specified current levels for PSAVE entry,
PSAVE exit, and current limit are dependent on the induc-
tor value.
The SC195 converter has internal loop compensation. The
compensation is designed to work with a specific single-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com