Electronic Components Datasheet Search
  English  ▼

X  

SC195 Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC195
Description  3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC195 Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC195 Datasheet HTML 12Page - Semtech Corporation SC195 Datasheet HTML 13Page - Semtech Corporation SC195 Datasheet HTML 14Page - Semtech Corporation SC195 Datasheet HTML 15Page - Semtech Corporation SC195 Datasheet HTML 16Page - Semtech Corporation SC195 Datasheet HTML 17Page - Semtech Corporation SC195 Datasheet HTML 18Page - Semtech Corporation SC195 Datasheet HTML 19Page - Semtech Corporation SC195 Datasheet HTML 20Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
SC195
16
C
OUT Selection
The internal voltage loop compensation in the SC195
limits the minimum output capacitor value to 10μF. This
is due to its influence on the the loop crossover frequency,
phase margin, and gain margin. Increasing the output
capacitor above this minimum value will reduce the cross-
over frequency and provide greater phase margin.
The output capacitor determines the output voltage
ripple and contributes load current during large step load
transitions. A capacitor between 10μF and 22μF will
usually be adequate in stabilizing the output during large
load transitions.
Capacitors with X7R or X5R ceramic dielectric are recom-
mended for their low ESR and superior temperature and
voltage characteristics. Y5V capacitors should not be used
as their temperature coefficients make them unsuitable
for this application.
In addition to ensuring stability, the output capacitor
serves other important functions. This capacitor deter-
mines the output voltage ripple — as capacitance
increases, ripple voltage decreases. It also supplies current
during a large load step for a few switching cycles until
the control loop responds (typically 3 switching cycles).
Once the loop responds, regulation is restored and the
desired output is reached. During the period prior to PWM
operation resuming, the relationship between output
voltage and output capacitance can be approximated
using the equation
f
V
I
3
C
DROOP
LOAD
OUT
This equation can be used to approximate the minimum
output capacitance needed to ensure voltage does not
droop below an acceptable level. For example, a load step
from 50mA to 400mA requiring droop less than 50mV
would require the minimum output capacitance to be
F
0
.
6
10
4
05
.
0
4
.
0
3
C
6
OUT
Applications Information (continued)
In this example, using a standard 10µF capacitor would be
adequate to keep voltage droop less than the desired
limit. Note that if the voltage droop limit were decreased
from 50mV to 25mV, the output capacitance would need
to be increased to at least 12µF (twice as much capaci-
tance for half the droop). Capacitance will decrease from
the nominal value when a ceramic capacitor is biased with
a DC current, so it is important to select a capacitor whose
value exceeds the necessary capacitance value at the pro-
grammed output voltage. Check the manufacturer’s
capacitance vs. DC voltage graphs when selecting an
output capacitor to ensure the capacitance will be
adequate.
Table 3 lists the manufacturers of recommended output
capacitor options.
Table 3 — Recommended Output Capacitors
Manufacturer
Part Nunber
Value
(μF)
Type
Rated
Voltage
(VDC)
Dimensions
LxWxH (mm)
Case Size
Murata
GRM188R60J106ME47D
10±20%
X5R
6.3
1.6x0.8x0.8
0603
Murata
GRM21BR60J106K
10±10%
X5R
6.3
2.0x1.25x1.25
0805
TaiyoYuden
JMK107BJ106MA-T
10±20%
X5R
6.3
1.6x0.8x0.8
0603
TDK
C1608X5R0J106MT
10±20%
X5R
6.3
1.6x0.8x0.8
0603
C
IN Selection
The SC195 input source current will appear as a DC supply
current with a triangular ripple imposed on it. To prevent
large input voltage ripple, a low ESR ceramic capacitor is
required. A minimum value of 4.7μF should be used. It is
important to consider the DC voltage coefficient charac-
teristics when determining the actual required value. For
example, a 10μF, 6.3V, X5R ceramic capacitor with 5V DC
applied may exhibit a capacitance as low as 4.5μF. The
value of required input capacitance is estimated by deter-
mining the acceptable input ripple voltage and calculating
the minimum value required for C
IN using the equation
f
ESR
I
V
V
V
1
V
V
C
OUT
IN
OUT
IN
OUT
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com