Electronic Components Datasheet Search
  English  ▼

X  

SC283EVB Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC283EVB
Description  Dual Channel 2.5MHz, 1.8A Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC283EVB Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC283EVB Datasheet HTML 4Page - Semtech Corporation SC283EVB Datasheet HTML 5Page - Semtech Corporation SC283EVB Datasheet HTML 6Page - Semtech Corporation SC283EVB Datasheet HTML 7Page - Semtech Corporation SC283EVB Datasheet HTML 8Page - Semtech Corporation SC283EVB Datasheet HTML 9Page - Semtech Corporation SC283EVB Datasheet HTML 10Page - Semtech Corporation SC283EVB Datasheet HTML 11Page - Semtech Corporation SC283EVB Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
SC283
© 2010 Semtech Corp.
V
OUT
0.5V/div
50µs/div
Start Up (V
OUT=1.5V)
V
IN=5.0V
R
OUT=1k
V
CTLx
2V/div
V
IN
2V/div
Typical Waveforms (continued)
Circuit Conditions: C
IN= 10uF/6.3V; COUT= 22uF/6.3V, L= 2.2uH (TOKO: 1127AS-2R2M).
V
OUT
0.5V/div
200µs/div
Start Up (V
OUT=1.5V)
V
IN=5.0V
R
OUT=0.83
 (1.8A)
V
CTLx
2V/div
V
IN
2V/div
V
OUT
0.5V/div
200µs/div
Start Up (V
OUT=1.5V), EN=VIN
V
IN
2V/div
V
IN=5.0V
R
OUT=1k
V
OUT
0.5V/div
200µs/div
Start Up (V
OUT=1.5V), EN=VIN
V
IN
2V/div
V
IN=5.0V
R
OUT=0.83
 (1.8A)
V
OUT
1V/div
100µs/div
Start Up (V
OUT=3.3V)
V
IN=5.0V
R
OUT=1k
V
CTLx
2V/div
V
IN
2V/div
V
OUT
1V/div
200µs/div
Start Up (V
OUT=3.3V)
V
IN=5.0V
R
OUT=1.83
 (1.8A)
V
CTLx
2V/div
V
IN
2V/div
Start Up (Enable)(V
OUT=1.5V)
Start Up (Power up V
IN=VCTLx) (VOUT=1.5V)
Start Up (Enable)(V
OUT=1.5V)
Start Up (Power up V
IN=VCTLx) (VOUT=1.5V)
Start Up (Enable)(V
OUT=3.3V)
Start Up (Enable)(V
OUT=3.3V)
www.semtech.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com