Electronic Components Datasheet Search
  English  ▼

X  

SC283EVB Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC283EVB
Description  Dual Channel 2.5MHz, 1.8A Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC283EVB Datasheet(HTML) 1 Page - Semtech Corporation

  SC283EVB Datasheet HTML 1Page - Semtech Corporation SC283EVB Datasheet HTML 2Page - Semtech Corporation SC283EVB Datasheet HTML 3Page - Semtech Corporation SC283EVB Datasheet HTML 4Page - Semtech Corporation SC283EVB Datasheet HTML 5Page - Semtech Corporation SC283EVB Datasheet HTML 6Page - Semtech Corporation SC283EVB Datasheet HTML 7Page - Semtech Corporation SC283EVB Datasheet HTML 8Page - Semtech Corporation SC283EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
POWER MANAGEMENT
July 20, 2010
Dual Channel 2.5MHz, 1.8A
Synchronous Step-Down Regulator
SC283
Features
V
IN Range: 2.9 – 5.5V
V
OUT Selectable: 0.8 - 3.3V
Up to 1.8A Output Current for Each Channel
Ultra-Small Footprint, <1mm Height Solution
2.5MHz Switching Frequency
Efficiency Up to 93%
Low Output Noise Across Load Range
Excellent Transient Response
Start Up into Pre-Bias Output
100% Duty-Cycle Low Dropout Operation
<1µA Shutdown Current
Internal Soft Start
Input Under-Voltage Lockout
Output Over-Voltage, Current Limit Protection
Over-Temperature Protection
Adjustable Output Voltage
2mm x 3mm x 0.8mm thermally enhanced
MLPQ-W18 package
-40 to +85°C Temperature Range
Pb-Free product. RoHS/WEEE and Halogen Free com-
pliant
Applications
Desktop Computing
Set-Top Box
LCD TV
Network Cards
Printer
Description
The SC283 is a dual channel 1.8A synchronous step-
down regulator designed to operate with an input
voltage range of 2.9 to 5.5 Volts. Each channel offers
fifteen pre-determined output voltages via four control
pins programmable from 0.8 to 3.3 Volts. The control pins
allow for on-the-fly voltage changes, enabling system
designers to implement dynamic power savings. The
SC283 is also capable of adjusting the output voltage via
an external resistor divider.
The device operates with a fixed 2.5MHz oscillator
frequency, allowing the use of small surface mount
external components.
Connecting CTL0 — CTL3 to logic low forces the device
into shutdown mode reducing the supply current to less
than 1µA. Connecting any of the control pins to logic
high enables the converter and sets the output voltage
according to Table 1. Other features include under-
voltage lockout, soft-start to limit inrush current, and
over-temperature protection.
The SC283 is available in a thermally-enhanced, 2mm
x 3mm x 0.8mm MLPQ-W18 package and has a rated
temperature range of -40 to +85°C.
Typical Application Circuit
www.semtech.com
1


Similar Part No. - SC283EVB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC28-1 ETC2-SC28-1 Datasheet
2Mb / 16P
Drop Wire Clamps for CATV and Telephone Cable
SC28-2 ETC2-SC28-2 Datasheet
2Mb / 16P
Drop Wire Clamps for CATV and Telephone Cable
SC28-3 ETC2-SC28-3 Datasheet
2Mb / 16P
Drop Wire Clamps for CATV and Telephone Cable
SC28-4 ETC2-SC28-4 Datasheet
2Mb / 16P
Drop Wire Clamps for CATV and Telephone Cable
SC28-4SCATV ETC2-SC28-4SCATV Datasheet
2Mb / 16P
Drop Wire Clamps for CATV and Telephone Cable
More results

Similar Description - SC283EVB

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1918 MICROSEMI-LX1918 Datasheet
243Kb / 9P
1.8A Step-Down Synchronous Converter
logo
Semtech Corporation
SC183C SEMTECH-SC183C Datasheet
1Mb / 20P
2.5MHz, 2A Synchronous Step-Down Regulator
SC189 SEMTECH-SC189 Datasheet
1Mb / 23P
2.5MHz, 1.5A Synchronous Step Down Regulator
SC4626 SEMTECH-SC4626 Datasheet
1Mb / 21P
2.5MHz, 1A Synchronous Step Down Regulator in SOT23-5
SC284 SEMTECH-SC284 Datasheet
1Mb / 20P
Dual Channel 2.5MHz, 1.8A Synchronous Step-Down Regulator
logo
Semicoa Semiconductor
SC189ASK.TRT SEMICOA-SC189ASK.TRT Datasheet
1Mb / 24P
2.5MHz, 1.5A Synchronous Step Down Regulator
logo
Exar Corporation
XRP6670 EXAR-XRP6670 Datasheet
3Mb / 13P
3A 300kHz-2.5MHz Synchronous Step Down Regulator
logo
Semtech Corporation
SC4626CSKTRT SEMTECH-SC4626CSKTRT Datasheet
1,018Kb / 22P
2.5MHz, 1A Synchronous Step Down Regulator in SOT23-5
SC4626ASKTRT SEMTECH-SC4626ASKTRT Datasheet
1,018Kb / 22P
2.5MHz, 1A Synchronous Step Down Regulator in SOT23-5
SC286 SEMTECH-SC286 Datasheet
1Mb / 20P
Dual Channel 4A Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com