Electronic Components Datasheet Search
  English  ▼

X  

SC283EVB Datasheet(PDF) 20 Page - Semtech Corporation

Part # SC283EVB
Description  Dual Channel 2.5MHz, 1.8A Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC283EVB Datasheet(HTML) 20 Page - Semtech Corporation

Back Button SC283EVB Datasheet HTML 12Page - Semtech Corporation SC283EVB Datasheet HTML 13Page - Semtech Corporation SC283EVB Datasheet HTML 14Page - Semtech Corporation SC283EVB Datasheet HTML 15Page - Semtech Corporation SC283EVB Datasheet HTML 16Page - Semtech Corporation SC283EVB Datasheet HTML 17Page - Semtech Corporation SC283EVB Datasheet HTML 18Page - Semtech Corporation SC283EVB Datasheet HTML 19Page - Semtech Corporation SC283EVB Datasheet HTML 20Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
Semtech Corporation
Power Management Products Division
200 Flynn Road, Camarillo, CA 93012
Phone: (805) 498-2111 Fax: (805) 498-3804
www.semtech.com
Contact Information
SC283
© 2010 Semtech Corp.
© Semtech 2010
All rights reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner.
The information presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its
use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property
rights. Semtech assumes no responsibility or liability whatsoever for any failure or unexpected operation resulting from
misuse, neglect improper installation, repair or improper handling or unusual physical or electrical stress including, but
not limited to, exposure to parameters beyond the specified maximum ratings or operation outside the specified range.
SEMTECHPRODUCTSARENOTDESIGNED,INTENDED,AUTHORIZEDORWARRANTEDTOBESUITABLEFORUSEINLIFE-SUPPORT
APPLICATIONS, DEVICES OR SYSTEMS OR OTHER CRITICAL APPLICATIONS. INCLUSION OF SEMTECH PRODUCTS IN SUCH AP-
PLICATIONS IS UNDERSTOODTO BE UNDERTAKEN SOLELY ATTHE CUSTOMER’S OWN RISK. Should a customer purchase or use
Semtech products for any such unauthorized application, the customer shall indemnify and hold Semtech and its officers, em-
ployees, subsidiaries, affiliates, and distributors harmless against all claims, costs damages and attorney fees which could arise.
www.semtech.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com