Electronic Components Datasheet Search
  English  ▼

X  

RF2301 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2301
Description  HIGH ISOLATION BUFFER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2301 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2301 Datasheet HTML 1Page - RF Micro Devices RF2301 Datasheet HTML 2Page - RF Micro Devices RF2301 Datasheet HTML 3Page - RF Micro Devices RF2301 Datasheet HTML 4Page - RF Micro Devices RF2301 Datasheet HTML 5Page - RF Micro Devices RF2301 Datasheet HTML 6Page - RF Micro Devices RF2301 Datasheet HTML 7Page - RF Micro Devices RF2301 Datasheet HTML 8Page - RF Micro Devices RF2301 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
4-38
RF2301
Rev A8 010717
4
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (VDD)
-0.5 to +6.5
VDC
DC Supply Current
60
mA
Input RF Power
+10
dBm
Operating Ambient Temperature
-40 to +85
° C
Storage Temperature
-40 to +150
° C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T=25°C, VDD=5VDC
Nominal Frequency Range
300 to 2500
MHz
Input IP3
-8
dBm
Noise Figure
8
dB
Input VSWR
<2:1
In a 50
Ω system
Output VSWR
<2:1
In a 50
Ω system
Power Supply Voltage
2.7 to 6.0
V
Nominal 5 V Configuration
Using Broad Band Application Circuit,
VDD=5VDC, Freq=2500MHZ, T=25°C
Gain
21
24
26
dB
P1dB Output Power
+4
dBm
Supply Current
10
30
40
mA
Reverse Isolation
50
dB
900MHz, without RF input
50
dB
900MHz, with RF input, saturated
40
dB
2500MHz, without RF input
40
dB
2500MHz, with RF input, saturated
Nominal 3 V Configuration
Using Broad Band Application Circuit,
VDD=3VDC, Freq=2500MHZ, T=25°C
Gain
15
17
dB
P1dB Output Power
0
dBm
Supply Current
14
mA
Reverse Isolation
50
dB
900MHz, without RF input
50
dB
900MHz, with RF input, saturated
40
dB
2500MHz, without RF input
40
dB
2500MHz, with RF input, saturated
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com