Electronic Components Datasheet Search
  English  ▼

X  

RF2301 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2301
Description  HIGH ISOLATION BUFFER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2301 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2301 Datasheet HTML 1Page - RF Micro Devices RF2301 Datasheet HTML 2Page - RF Micro Devices RF2301 Datasheet HTML 3Page - RF Micro Devices RF2301 Datasheet HTML 4Page - RF Micro Devices RF2301 Datasheet HTML 5Page - RF Micro Devices RF2301 Datasheet HTML 6Page - RF Micro Devices RF2301 Datasheet HTML 7Page - RF Micro Devices RF2301 Datasheet HTML 8Page - RF Micro Devices RF2301 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
4-37
4
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
ü
SiGe HBT
Si CMOS
1
2
3
4
8
7
6
5
GND
GND
RF IN
GND
VDD1
VDD2
RF OUT
GND
RF2301
HIGH ISOLATION BUFFER AMPLIFIER
• Local Oscillator Buffer Amplifiers
• FDD and TDD Communication Systems
• Commercial and Consumer Systems
• Portable Battery-Powered Equipment
•Wireless LAN
• ISM Band Applications
The RF2301 is a high reverse isolation buffer amplifier.
The device is manufactured on a low-cost Gallium Ars-
enide MESFET process, and has been designed for use
as a general purpose buffer in high-end communication
systems operating at frequencies from less than 300MHz
to higher than 2500MHz. With +5 dBm output power, it
may also be used as a driver in transmitter applications.
Thedevice ispackaged inan8-leadplastic package. The
product is self-contained, requiring just a resistor and
blocking capacitors to operate. The output power, com-
bined with 50dB reverse isolation at 900MHz allows
excellent buffering of LO sources to impedance changes.
The device can be used in 3 V battery applications. The
unit has a total gain of 17dB with only 14 mA current from
a 3V supply.
• Single 2.7V to 6.0V Supply
• +4dBm Output Power
• 21dB Small Signal Gain
• 50dB Reverse Isolation at 900MHz
• Low DC Current Consumption of 14mA
• 300MHz to 2500MHz Operation
RF2301
High Isolation Buffer Amplifier
RF2301 PCBA
Fully Assembled Evaluation Board
4
Rev A8 010717
0.244
0.229
0.157
0.150
0.018
0.014
0.050
0.068
0.053
NOTES:
1. Shaded lead is Pin 1.
2. All dimensions are excluding
mold flash.
3. Lead coplanarity -
0.005 with respect to datum "A".
Dimensions in mm
0.196
0.189
0.008
0.004
-A-
8° MAX
0° MIN
0.034
0.016
0.009
0.007
Package Style: SOIC-8


Similar Part No. - RF2301

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2302 RFMD-RF2302 Datasheet
164Kb / 8P
BROADBAND LINEAR VARIABLE GAIN AMPLIFIER
RF2302PCBA-H RFMD-RF2302PCBA-H Datasheet
164Kb / 8P
BROADBAND LINEAR VARIABLE GAIN AMPLIFIER
RF2302PCBA-L RFMD-RF2302PCBA-L Datasheet
164Kb / 8P
BROADBAND LINEAR VARIABLE GAIN AMPLIFIER
RF2304 RFMD-RF2304 Datasheet
197Kb / 10P
GENERAL PURPOSE LOW-NOISE AMPLIFIER
RF2304 RFMD-RF2304 Datasheet
241Kb / 10P
GENERAL PURPOSE LOW-NOISE AMPLIFIER
More results

Similar Description - RF2301

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2504 RFMD-RF2504 Datasheet
92Kb / 8P
VCO/HIGH-ISOLATION BUFFER AMPLIFIER
RF2506 RFMD-RF2506 Datasheet
77Kb / 6P
VHF/UHF VCO/HIGH-ISOLATION BUFFER AMPLIFIER
logo
AVAGO TECHNOLOGIES LIMI...
MGA-565P8 AVAGO-MGA-565P8 Datasheet
312Kb / 12P
High Isolation Buffer Amplifier
logo
Agilent(Hewlett-Packard...
MGA-565P8 HP-MGA-565P8 Datasheet
139Kb / 13P
Agilent MGA-565P8 20 dBm Psat High Isolation Buffer Amplifier
logo
Broadcom Corporation.
DEMO-MGA-565P8 BOARDCOM-DEMO-MGA-565P8 Datasheet
312Kb / 12P
20 dBm Psat High Isolation Buffer Amplifier
MGA-565P8 BOARDCOM-MGA-565P8 Datasheet
312Kb / 12P
20 dBm Psat High Isolation Buffer Amplifier
logo
Analog Technologies, In...
AT202JN ANALOGTECHNOLOGIES-AT202JN Datasheet
269Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
AT5005 ANALOGTECHNOLOGIES-AT5005 Datasheet
286Kb / 3P
High Voltage Isolation Amplifier
7/5/2021
ATIA202JY ANALOGTECHNOLOGIES-ATIA202JY Datasheet
256Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
ATIA202KY ANALOGTECHNOLOGIES-ATIA202KY Datasheet
258Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com