Electronic Components Datasheet Search
  English  ▼

X  

RF2301 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2301
Description  HIGH ISOLATION BUFFER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2301 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2301 Datasheet HTML 1Page - RF Micro Devices RF2301 Datasheet HTML 2Page - RF Micro Devices RF2301 Datasheet HTML 3Page - RF Micro Devices RF2301 Datasheet HTML 4Page - RF Micro Devices RF2301 Datasheet HTML 5Page - RF Micro Devices RF2301 Datasheet HTML 6Page - RF Micro Devices RF2301 Datasheet HTML 7Page - RF Micro Devices RF2301 Datasheet HTML 8Page - RF Micro Devices RF2301 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
4-39
RF2301
Rev A8 010717
4
Pin
Function
Description
Interface Schematic
1GND
Low inductance ground connections. Use individual vias to backside
ground plane, placed within 0.030" of pin landing for optimum perfor-
mance.
2GND
Same as pin 1.
3RF IN
DC-coupled RF input. A broadband impedance match is produced by
internal shunt resistive feedback. The DC level is 0V. If a DC voltage is
present from connected circuitry, an external DC-blocking capacitor is
required for the proper DC operating point.
4GND
Same as pin 1.
5GND
Same as pin 1.
6RF OUT
Open drain RF output. A broadband impedance match is produced by
an external 100
Ω resistor to power supply as shown in Application
Schematic 1. Approximately 3dB improvement in gain and output
power can be obtained over at least a 20% bandwidth by replacing the
resistor to power supply with an external chip inductor network as
shown in Application Schematic 2. An external DC-blocking capacitor is
required if the following circuitry is not DC-blocked.
7VDD2
Power supply connections. Bypass with external chip capacitor and
individual via to backside ground plane.
8VDD1
Power supply connections. Bypass with external chip capacitor and
individual via to backside ground plane.
RF IN
RF OUT
V
DD1
V
DD2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com