Electronic Components Datasheet Search
  English  ▼

X  

SC440A Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC440A
Description  High Efficiency Integrated Driver for 6-Strings of 30mA LEDs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC440A Datasheet(HTML) 5 Page - Semtech Corporation

  SC440A Datasheet HTML 1Page - Semtech Corporation SC440A Datasheet HTML 2Page - Semtech Corporation SC440A Datasheet HTML 3Page - Semtech Corporation SC440A Datasheet HTML 4Page - Semtech Corporation SC440A Datasheet HTML 5Page - Semtech Corporation SC440A Datasheet HTML 6Page - Semtech Corporation SC440A Datasheet HTML 7Page - Semtech Corporation SC440A Datasheet HTML 8Page - Semtech Corporation SC440A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
SC440A
5
www.semtech.com
© 2010 Semtech Corp.
Typical Characteristics
UVLO Threshold vs Temperature
Rising
Falling
4
4.1
4.2
4.3
4.4
-40
-20
0
20
406080
Temperature (ºC)
Switching Frequency vs Temperature
VIN=4.5V
VIN = 21V
765
775
785
795
805
-40
-20
0
2040
6080
Temperature (ºC)
IO Pin Sense Voltage vs LED Current
Vin=12V, 8 LEDs per string
Ta = 25°C
100
200
300
400
500
600
700
5
1015
2025
30
LED Current (mA)
OVPIN Threshold Voltage vs Temperature
VIN = 12V
1.5
1.51
1.52
1.53
1.54
1.55
-40
-20
0
20
406080
Temperature (ºC)
SS Current vs Temperature
VIN = 12V
Source
Sink
1
2
3
4
5
6
-40
-20
0
20406080
Temperature (ºC)
COM P Current vs Temperature
VIN=12V
Source
Sink
4.5
5
5.5
6
6.5
7
7.5
8
8.5
-40
-20
0
2040
6080
Temperature (ºC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com