Electronic Components Datasheet Search
  English  ▼

X  

SC440A Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC440A
Description  High Efficiency Integrated Driver for 6-Strings of 30mA LEDs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC440A Datasheet(HTML) 3 Page - Semtech Corporation

  SC440A Datasheet HTML 1Page - Semtech Corporation SC440A Datasheet HTML 2Page - Semtech Corporation SC440A Datasheet HTML 3Page - Semtech Corporation SC440A Datasheet HTML 4Page - Semtech Corporation SC440A Datasheet HTML 5Page - Semtech Corporation SC440A Datasheet HTML 6Page - Semtech Corporation SC440A Datasheet HTML 7Page - Semtech Corporation SC440A Datasheet HTML 8Page - Semtech Corporation SC440A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
SC440A
3
www.semtech.com
© 2010 Semtech Corp.
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters specified in the
Electrical Characteristics section is not recommended.
NOTES-
(1)
Calculated from package in still air, mounted to 3” x 4.5”, 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
(2)
Tested according to JEDEC standard JESD22-A114-B.
Electrical Characteristics
Unless otherwise noted, V
IN
= 12V, -40°C < T
A
= T
J
< 85°C, R
IOSET
= 2kΩ.
Absolute Maximum Ratings
V
IN
Pin: Supply Voltage …………………………… -0.3 to 30V
Maximum Output Power………………………………
7.5W
IOSET Voltage ……………………………………… -0.3 to 2V
SW, VOUT, IO1~IO6, OVPIN,
OVPRTN Voltage …………………………………
-0.3 to 45V
SS, COMP Voltage …………………………………… -0.3 to 3V
SCP_EN Voltage …………………………………… -0.3 to 3.5V
EN, PWM, FFLAG Voltage …………………… -0.3 to V
IN
+0.3V
PGND to AGND and I
OGND
……………………………
± 0.3V
Peak IR Reflow Temperature ………………………….
260°C
ESD Protection Level(2) ………………………………… 2000V
Recommended Operating Conditions
Supply Input Voltage …………………………… 4.5V to 27V
Maximum Output Voltage …………………………
42V
Maximum LED Current ………………………………
30mA
Thermal Information
Junction to Ambient(1) ……………………………… 29°C/W
Maximum Junction Temperature……………………… 150°C
Storage Temperature ………………………… -65 to +150°C
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Supply
Under-Voltage Lockout Threshold
U
VLO-TH
V
IN
rising
4.2
4.5
V
UVLO Hysteresis
U
VLO-H
250
mV
V
IN
Quiescent Supply Current
I
IN-Q
No switching
4.5
mA
V
IN
Supply Current in Shutdown
I
IN-S
EN / PWM = low
1
μA
Oscillator
Switching Frequency(1)
F
S
0.64
0.8
0.96
MHz
Maximum Duty Cycle (1)
D
MAX
90
%
Minimum Duty Cycle (1)
D
MIN
0%
Minimum On-Time
T
ON-MIN
200
ns
Minimum Off-Time
T
ON-MIN
100
ns
Internal Power Switcher
Switch Current Limit
I
SW
2.0
2.5
A
Switch Saturation Voltage
V
SAT
I
SW
= 1A
200
500
mV
Switch Leakage Current
I
S-LEAK
V
SW
= 12V
0.01
1
μA
Compensation
Sourcing Current
I
O-H
V
COMP
= 0.5V
7.3
μA
Sinking Current
I
O-L
V
COMP
= 2V
5.5
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com