Electronic Components Datasheet Search
  English  ▼

X  

SC440A Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC440A
Description  High Efficiency Integrated Driver for 6-Strings of 30mA LEDs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC440A Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC440A Datasheet HTML 4Page - Semtech Corporation SC440A Datasheet HTML 5Page - Semtech Corporation SC440A Datasheet HTML 6Page - Semtech Corporation SC440A Datasheet HTML 7Page - Semtech Corporation SC440A Datasheet HTML 8Page - Semtech Corporation SC440A Datasheet HTML 9Page - Semtech Corporation SC440A Datasheet HTML 10Page - Semtech Corporation SC440A Datasheet HTML 11Page - Semtech Corporation SC440A Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
SC440A
8
www.semtech.com
© 2010 Semtech Corp.
Typical Characteristics (continued)
TOP and OTP Recovery
SS
2V/DIV
FLAG
2V/DIV
VOUT
10V/DIV
Time ( 100ms/DIV)
Conditions: VIN = 5V, Load = 30mA
x 6 strings, 8 LEDs per string
TOP and OTP Recovery
SS
2V/DIV
FLAG
2V/DIV
VOUT
10V/DIV
Time ( 100ms/DIV)
Conditions: VIN = 5V, Load = 30mA
x 6 strings, 8 LEDs per string
OVP
OVPIN
1V/DIV
SS
2V/DIV
Time ( 1s/DIV)
Conditions: VIN = 5V, Load = 30mA
x 6 strings, 8 LEDs per string
FLAG
5V/DIV
OVP
OVPIN
1V/DIV
SS
2V/DIV
Time ( 1s/DIV)
Conditions: VIN = 5V, Load = 30mA
x 6 strings, 8 LEDs per string
FLAG
5V/DIV
VIN Adaptor Plug-in Case
VIN
10V/DIV
VOUT
1V/DIV
Time ( 50us/DIV)
Conditions: VIN = 6V~19V, Load =
30mA x 6 strings, 8 LEDs per string
IO6
1V/DIV
SW
20V/DIV
VIN Adaptor Plug-in Case
VIN
10V/DIV
VOUT
1V/DIV
Time ( 50us/DIV)
Conditions: VIN = 6V~19V, Load =
30mA x 6 strings, 8 LEDs per string
IO6
1V/DIV
SW
20V/DIV
PWM dimming
Time ( 5ms/DIV)
Conditions: VIN = 5V, Load = 30mA
x 6 strings, 8 LEDs per string
Keep
Original here
PWM
2V/DIV
SW
20V/DIV
IO6
5V/DIV
PWM dimming
Time ( 5ms/DIV)
Conditions: VIN = 5V, Load = 30mA
x 6 strings, 8 LEDs per string
Keep
Original here
PWM
2V/DIV
SW
20V/DIV
IO6
5V/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com