Electronic Components Datasheet Search
  English  ▼

X  

RF2311 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2311
Description  GENERAL PURPOSE AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2311 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2311 Datasheet HTML 1Page - RF Micro Devices RF2311 Datasheet HTML 2Page - RF Micro Devices RF2311 Datasheet HTML 3Page - RF Micro Devices RF2311 Datasheet HTML 4Page - RF Micro Devices RF2311 Datasheet HTML 5Page - RF Micro Devices RF2311 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
4-82
RF2311
Rev C3 010228
4
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +6
VDC
Input RF Power
+10
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T=25 °C, VCC=5V, Freq=900MHz
Frequency Range
DC to 1600
MHz
3dB Bandwidth
Gain
12
14
16
dB
VCC=5V
13
dB
VCC=3.6V
Noise Figure
4.2
dB
VCC=5V
4.0
dB
VCC=3.6V
Input VSWR
< 1.5:1
Output VSWR
<1.3:1
300MHz to 1200MHz
Output IP3
+14
+16
dBm
900MHz, VCC=5V
+8
dBm
900MHz, VCC=3.6V
Saturated Output Power
+8
+9
dBm
900MHz, VCC=5V
+1
dBm
900MHz, VCC=3.6V
Reverse Isolation
20
dB
Power Supply
Operating Voltage
2.7 to 6
V
Operating Current Range
12
17
21
mA
VCC=5V
811
mA
VCC=3.6V
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com