Electronic Components Datasheet Search
  English  ▼

X  

RF2311 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2311
Description  GENERAL PURPOSE AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2311 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2311 Datasheet HTML 1Page - RF Micro Devices RF2311 Datasheet HTML 2Page - RF Micro Devices RF2311 Datasheet HTML 3Page - RF Micro Devices RF2311 Datasheet HTML 4Page - RF Micro Devices RF2311 Datasheet HTML 5Page - RF Micro Devices RF2311 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
4-83
RF2311
Rev C3 010228
4
Pin
Function
Description
Interface Schematic
1VCC
Power supply pin. An external bypass capacitor is recommended. The
total supply current is shared between this pin and pin 8 (through the
inductor).
See pin 8.
2GND
Ground connection. Keep traces physically short and connect immedi-
ately to ground plane for best performance.
3GND
Same as pin 2.
4RF IN
RF input pin. This pin is NOT internally DC blocked. A DC blocking
capacitor, suitable for the frequency of operation, should be used in
most applications. DC coupling of the input is not allowed, because this
will override the internal feedback loop and cause temperature instabil-
ity.
See pin 8.
5GND
Same as pin 2.
6GND
Same as pin 2.
7GND
Same as pin 2.
8RF OUT
RF output pin. Because DC is present on this pin, a DC blocking capac-
itor, suitable for the frequency of operation, should be used in most
applications. The DC voltage on this pin is typically 2.4V. Alternatively,
power supply may be connected to this pin. A series resistor and induc-
tor should be used, in which case the L should be large enough to
present a high impedance at the lowest operating frequency, and the R
should be (VCC - 2.4) / I, where I is the desired device current (between
8mA and 20mA).
RF OUT
RF IN
VCC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com