Electronic Components Datasheet Search
  English  ▼

X  

RF2311 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2311
Description  GENERAL PURPOSE AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2311 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2311 Datasheet HTML 1Page - RF Micro Devices RF2311 Datasheet HTML 2Page - RF Micro Devices RF2311 Datasheet HTML 3Page - RF Micro Devices RF2311 Datasheet HTML 4Page - RF Micro Devices RF2311 Datasheet HTML 5Page - RF Micro Devices RF2311 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ü
4-81
4
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7625 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
1
2
3
4
8
7
6
5
VCC
GND
GND
RF IN
RF OUT
GND
GND
GND
RF2311
GENERAL PURPOSE AMPLIFIER
• General Purpose High Bandwidth Gain
Blocks
• IF or RF Buffer Amplifiers
• Broadband Test Equipment
• Final PA for Medium Power Applications
• Driver Stage for Power Amplifiers
The RF2311 is a general purpose, low cost low power RF
amplifierIC. The deviceis manufacturedonanadvanced
Gallium Arsenide Heterojunction Bipolar Transistor (HBT)
process, and has been designed for use as an easily cas-
cadable 50
Ω gain block. Applications include IF and RF
amplification in wireless voice and data communication
products operating in frequency bands up to 1600MHz.
The gain flatness and high bandwidth make the device
suitable for many other applications as well. The device is
self-contained with 50
Ω input and output impedances,
and no external DC biasing elements are required to
operate as specified.
• DC to well over 1600MHz Operation
• Internally Matched Input and Output
• 14dB Small Signal Gain
• 4.2dB Noise Figure
• +9dBm Output Power
• Single 2.7V to 6V Positive Power Supply
RF2311
General Purpose Amplifier
RF2311 PCBA
Fully Assembled Evaluation Board
4
Rev C3 010228
.156
.152
.022
.018
5°
.056
.052
.195
.191
.240
.232
.050
.008
.004
MIN
.017
1
Package Style: SOP-8


Similar Part No. - RF2311

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2310 RFMD-RF2310 Datasheet
189Kb / 10P
WIDEBAND GENERAL PURPOSE AMPLIFIER
RF2310PCBA RFMD-RF2310PCBA Datasheet
189Kb / 10P
WIDEBAND GENERAL PURPOSE AMPLIFIER
RF2312 RFMD-RF2312 Datasheet
274Kb / 16P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2312 RFMD-RF2312 Datasheet
306Kb / 16P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2312 RFMD-RF2312 Datasheet
311Kb / 16P
LINEAR GENERAL PURPOSE AMPLIFIER
More results

Similar Description - RF2311

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2043 RFMD-RF2043 Datasheet
68Kb / 6P
GENERAL PURPOSE AMPLIFIER
RF2047 RFMD-RF2047 Datasheet
68Kb / 6P
GENERAL PURPOSE AMPLIFIER
RF2307 RFMD-RF2307 Datasheet
59Kb / 4P
GENERAL PURPOSE AMPLIFIER
RF2308 RFMD-RF2308 Datasheet
59Kb / 4P
GENERAL PURPOSE AMPLIFIER
RF3396 RFMD-RF3396 Datasheet
160Kb / 10P
GENERAL PURPOSE AMPLIFIER
RF2334 RFMD-RF2334_03 Datasheet
177Kb / 8P
GENERAL PURPOSE AMPLIFIER
RF2046 RFMD-RF2046_07 Datasheet
104Kb / 8P
GENERAL PURPOSE AMPLIFIER
logo
KODENSHI_AUK CORP.
2N5401 KODENSHI-2N5401 Datasheet
256Kb / 5P
General purpose amplifier
logo
RF Micro Devices
RF2044A RFMD-RF2044A Datasheet
147Kb / 8P
GENERAL PURPOSE AMPLIFIER
logo
ON Semiconductor
MMBT3416LT3G ONSEMI-MMBT3416LT3G_16 Datasheet
286Kb / 7P
General Purpose Amplifier
October, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com