Electronic Components Datasheet Search
  English  ▼

X  

LTM8033 Datasheet(PDF) 14 Page - Linear Technology

Part # LTM8033
Description  Ultralow Noise EMC 36VIN, 3A DC/DC 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8033 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTM8033 Datasheet HTML 10Page - Linear Technology LTM8033 Datasheet HTML 11Page - Linear Technology LTM8033 Datasheet HTML 12Page - Linear Technology LTM8033 Datasheet HTML 13Page - Linear Technology LTM8033 Datasheet HTML 14Page - Linear Technology LTM8033 Datasheet HTML 15Page - Linear Technology LTM8033 Datasheet HTML 16Page - Linear Technology LTM8033 Datasheet HTML 17Page - Linear Technology LTM8033 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LTM8033
14
8033f
APPLICATIONS INFORMATION
no-load condition, the percentage of time that the LTM8033
operates in sleep mode increases and the average input
current is greatly reduced, resulting in higher efficiency.
Burst Mode operation is enabled by tying SYNC to GND. To
disable Burst Mode operation, tie SYNC to a stable voltage
above 0.7V. Do not leave the SYNC pin floating.
Minimum Input Voltage
The LTM8033 is a step-down converter, so a minimum
amount of headroom is required to keep the output in
regulation. In addition, the input voltage required to turn
on is higher than that required to run, and depends upon
BIAS power whether RUN/SS is used. If BIAS is available
before VOUT ramps up, the minimum VIN voltage to start
may be reduced. As shown in the Typical Performance
Characteristics section, the minimum input voltage to
run a 3.3V output at light load is only about 3.6V, but, if
RUN/SS is pulled up to VIN, it takes 5.6VIN to start. If the
LTM8033 is enabled with the RUN/SS pin, the minimum
voltage to start at light loads is lower, about 4.2V. Similar
curves detailing this behavior of the LTM8033 for other
outputs are also included in the Typical Performance
Characteristics section.
Soft-Start
The RUN/SS pin can be used to soft-start the LTM8033,
reducing the maximum input current during start-up. The
RUN/SS pin is driven through an external RC filter to cre-
ate a voltage ramp at this pin. Figure 2 shows the start-up
and shutdown waveforms with the soft-start circuit. By
choosing an appropriate RC time constant, the peak start-
up current can be reduced to the current that is required to
regulate the output, with no overshoot. Choose the value
of the resistor so that it can supply at least 20μA when
the RUN/SS pin reaches 2.5V.
Frequency Foldback
The LTM8033 is equipped with frequency foldback which
acts to reduce the thermal and energy stress on the internal
power elements during a short-circuit or output overload
condition. If the LTM8033 detects that the output has fallen
out of regulation, the switching frequency is reduced as a
function of how far the output is below the target voltage.
This in turn limits the amount of energy that can be delivered
to the load under fault. During the start-up time, frequency
foldback is also active to limit the energy delivered to the
potentially large output capacitance of the load.
Figure 2. To Soft-Start the LTM8033, Add a Resistor and Capacitor to the RUN/SS Pin
VOUT
2V/DIV
INTERNAL
INDUCTOR
CURRENT
1A/DIV
VRUN/SS
2V/DIV
2ms/DIV
8033 F02
GND
RUN
RUN/SS
0.22μF
15k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com