Electronic Components Datasheet Search
  English  ▼

X  

LTM8033 Datasheet(PDF) 18 Page - Linear Technology

Part # LTM8033
Description  Ultralow Noise EMC 36VIN, 3A DC/DC 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8033 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTM8033 Datasheet HTML 14Page - Linear Technology LTM8033 Datasheet HTML 15Page - Linear Technology LTM8033 Datasheet HTML 16Page - Linear Technology LTM8033 Datasheet HTML 17Page - Linear Technology LTM8033 Datasheet HTML 18Page - Linear Technology LTM8033 Datasheet HTML 19Page - Linear Technology LTM8033 Datasheet HTML 20Page - Linear Technology LTM8033 Datasheet HTML 21Page - Linear Technology LTM8033 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LTM8033
18
8033f
While the meaning of each of these coefficients may seem
to be intuitive, JEDEC has defined each to avoid confu-
sion and inconsistency. These definitions are given in
JESD 51-12, and are quoted or paraphrased in the fol-
lowing:
•
θJA is the natural convection junction-to-ambient air
thermal resistance measured in a one cubic foot sealed
enclosure. This environment is sometimes referred to as
“still air” although natural convection causes the air to
move. This value is determined with the part mounted to
a JESD 51-9 defined test board, which does not reflect
an actual application or viable operating condition.
•
θJCBOTTOM is the junction-to-board thermal resistance
with all of the component power dissipation flowing
through the bottom of the package. In the typical
μModule, the bulk of the heat flows out the bottom
of the package, but there is always heat flow out into
the ambient environment. As a result, this thermal re-
sistance value may be useful for comparing packages
but the test conditions don’t generally match the user’s
application.
•
θJCTOP is determined with nearly all of the component
power dissipation flowing through the top of the pack-
age. As the electrical connections of the typical μModule
are on the bottom of the package, it is rare for an ap-
plication to operate such that most of the heat flows
from the junction to the top of the part. As in the case
of
θJCBOTTOM, this value may be useful for comparing
packages but the test conditions don’t generally match
the user’s application.
•
θJB is the junction-to-board thermal resistance where
almost all of the heat flows through the bottom of the
μModule and into the board, and is really the sum of
the
θJCBOTTOM and the thermal resistance of the bot-
tom of the part through the solder joints and through
a portion of the board. The board temperature is mea-
sured a specified distance from the package, using a
two sided, two layer board. This board is described in
JESD 51-9.
The most appropriate way to use the coefficients is when
running a detailed thermal analysis, such as FEA, which
considers all of the thermal resistances simultaneously.
None of them can be individually used to accurately pre-
dict the thermal performance of the product, so it would
be inappropriate to attempt to use any one coefficient to
correlate to the junction temperature versus load graphs
given in the LTM8033 data sheet.
A graphical representation of these thermal resistances
is given in Figure 5.
The blue resistances are contained within the μModule,
and the green are outside.
The die temperature of the LTM8033 must be lower than
the maximum rating of 125°C, so care should be taken
in the layout of the circuit to ensure good heat sinking
of the LTM8033. The bulk of the heat flow out of the
LTM8033 is through the bottom of the module and the LGA
pads into the printed circuit board. Consequently a poor
printed circuit board design can cause excessive heating,
APPLICATIONS INFORMATION
8033 F05
μMODULE REGULATOR
JUNCTION-TO-CASE (TOP)
RESISTANCE
JUNCTION-TO-BOARD RESISTANCE
JUNCTION-TO-AMBIENT RESISTANCE (JESD 51-9 DEFINED BOARD)
CASE (TOP)-TO-AMBIENT
RESISTANCE
BOARD-TO-AMBIENT
RESISTANCE
JUNCTION-TO-CASE
(BOTTOM) RESISTANCE
JUNCTION
At
CASE (BOTTOM)-TO-BOARD
RESISTANCE
Figure 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com