Electronic Components Datasheet Search
  English  ▼

X  

LTM8033 Datasheet(PDF) 2 Page - Linear Technology

Part # LTM8033
Description  Ultralow Noise EMC 36VIN, 3A DC/DC 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8033 Datasheet(HTML) 2 Page - Linear Technology

  LTM8033 Datasheet HTML 1Page - Linear Technology LTM8033 Datasheet HTML 2Page - Linear Technology LTM8033 Datasheet HTML 3Page - Linear Technology LTM8033 Datasheet HTML 4Page - Linear Technology LTM8033 Datasheet HTML 5Page - Linear Technology LTM8033 Datasheet HTML 6Page - Linear Technology LTM8033 Datasheet HTML 7Page - Linear Technology LTM8033 Datasheet HTML 8Page - Linear Technology LTM8033 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTM8033
2
8033f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, FIN, RUN/SS Voltage ........................................36V
ADJ, RT, SHARE Voltage ............................................6V
VOUT, AUX ................................................................25V
PGOOD, SYNC ..........................................................30V
BIAS .........................................................................25V
Maximum Junction Temperature (Note 2) .......... 125°C
Solder Temperature ............................................. 245°C
(Note 1)
LGA PACKAGE
76-LEAD (15mm
11.25mm
4.32mm)
TOP VIEW
FG
H
L
JK
E
ABC
D
2
1
4
3
5
6
7
8
BIAS
RUN/SS
AUX
PGOOD
RT
ADJ
SYNC
GND
SHARE
BANK 4
BANK 3
FIN
BANK 2
GND
VIN
BANK 1
VOUT
TJMAX = 125°C, θJA = 15.4°C/W, θJCbottom = 5.2°C/W, θJB = 9.8°C/W, θJCtop = 16.7°C/W
θ VALUES DERIVED FROM A 4 LAYER 6.35cm × 6.35cm PCB
WEIGHT = 2.2g
ORDER INFORMATION
LEAD FREE FINISH
TRAY
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTM8033EV#PBF
LTM8033EV#PBF
8033V
76-Lead (15mm
× 11.25mm × 4.32mm) LGA
–40°C to 125°C
LTM8033IV#PBF
LTM8033IV#PBF
8033V
76-Lead (15mm
× 11.25mm × 4.32mm) LGA
–40°C to 125°C
LTM8033MPV#PBF
LTM8033MPV#PBF
8033V
76-Lead (15mm
× 11.25mm × 4.32mm) LGA
–55°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
This product is only offered in trays. For more information go to: http://www.linear.com/packaging/
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
l
3.6
V
Output DC Voltage
0 < IOUT < 3A, RADJ Open, VIN = 24V
0 < IOUT < 3A, RADJ = 16.5k, VIN = 32V
0.8
24
V
V
Output DC Current
VIN = 24V
0
3
A
Quiescent Current into VIN
RUN/SS = 0V
Not Switching
BIAS = 0V, Not Switching
0.01
30
100
1
60
150
μA
μA
μA
Quiescent Current into BIAS
RUN/SS = 0V
Not Switching
BIAS = 0V, Not Switching
0.01
75
0
0.5
120
5
μA
μA
μA
Line Regulation
5.5V < VIN < 36V
0.3
%
Load Regulation
0A < IOUT < 3A, VIN = 24V
0.4
%
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, RUN/SS = 12V unless otherwise noted (Note 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com