Electronic Components Datasheet Search
  English  ▼

X  

CDCE906PW Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE906PW
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE906PW Datasheet(HTML) 35 Page - Texas Instruments

Back Button CDCE906PW Datasheet HTML 31Page - Texas Instruments CDCE906PW Datasheet HTML 32Page - Texas Instruments CDCE906PW Datasheet HTML 33Page - Texas Instruments CDCE906PW Datasheet HTML 34Page - Texas Instruments CDCE906PW Datasheet HTML 35Page - Texas Instruments CDCE906PW Datasheet HTML 36Page - Texas Instruments CDCE906PW Datasheet HTML 37Page - Texas Instruments CDCE906PW Datasheet HTML 38Page - Texas Instruments CDCE906PW Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
www.ti.com
−150
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
1.0E+01
1.0E+02
1.0E+03
1.0E+04
1.0E+05
1.0E+06
1.0E+07
CDCE906Cyrstal27MHzInput
27MHzBufferedOutput
CDCE906fOUT 135MHz
f
135MHz
VCO
foffset -[Hz]
CDCE906fOUT 135MHz
f
270MHz
VCO
PhaseNoiseComparison
f
135MHz
f
135MHzvs270MHz
OUT
VCO
PLL Lock-Time
CDCE906
SCAS814H – NOVEMBER 2005 – REVISED DECEMBER 2007
Figure 33. Phase Noise Characteristic
Some applications use frequency switching, i.e. to change frequency in TV application (switching between
channels) or change the PCI-X frequency in computers. The time spent by the PLL in achieving the new
frequency is of main interest. The lock time is the time it takes to jump from one specified frequency to another
specified frequency within a given frequency tolerance (Figure 34). It should be low, because a long lock time
impacts the data rate of the system.
The PLL Lock Time depends on the device configuration and can be changed by the VCO frequency, i.e. by
changing the M/N divider values. Table 7 gives the typical lock times of the CDCE906 and Figure 34 shows a
snapshot of a frequency switch.
Table 7. CDCE906 PLL Lock-Times
Description
Lock Time (Typical)
Unit
Frequency change via reprogramming of N/M counter
100
µs
Frequency change via CLK_SEL pin (switching between CLK_IN0 and CLK_IN1)
100
µs
Power-up lock time with system clock
50
µs
Power-up lock time with 27-MHz Crystal at CLK_IN0 and CLK_IN1
300(1)
µs
(1)
Is the result of crystal power up (200
µs) and PLL Lock Time (100 µs).
Copyright © 2005–2007, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Link(s): CDCE906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com