Electronic Components Datasheet Search
  English  ▼

X  

CDCE906PW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE906PW
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE906PW Datasheet(HTML) 1 Page - Texas Instruments

  CDCE906PW Datasheet HTML 1Page - Texas Instruments CDCE906PW Datasheet HTML 2Page - Texas Instruments CDCE906PW Datasheet HTML 3Page - Texas Instruments CDCE906PW Datasheet HTML 4Page - Texas Instruments CDCE906PW Datasheet HTML 5Page - Texas Instruments CDCE906PW Datasheet HTML 6Page - Texas Instruments CDCE906PW Datasheet HTML 7Page - Texas Instruments CDCE906PW Datasheet HTML 8Page - Texas Instruments CDCE906PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
1
FEATURES
TERMINAL ASSIGNMENT
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
S0/A0/CLK_SEL
S1/A1
VCC
GND
CLK_IN0
CLK_IN1
VCC
GND
SDATA
SCLOCK
Y5
Y4
VCCOUT2
GND
Y3
Y2
VCCOUT1
GND
Y1
Y0
PW PACKAGE
(TOP VIEW)
TSSOP 20
Pitch 0,65 mm
6.6 x 6.6
DESCRIPTION
CDCE906
SCAS814H – NOVEMBER 2005 – REVISED DECEMBER 2007
www.ti.com
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
• Programmable Down Spread SSC Modulation
(1%, 1.5%, 2%, and 3%)
2
• High Performance 3:6 PLL based Clock
Synthesizer / Multiplier / Divider
• Programmable Output Slew-Rate Control
(SRC) for Lowering System EMI
• User Programmable PLL Frequencies
• 3.3-V Device Power Supply
• EEPROM Programming Without the Need to
Apply High Programming Voltage
• Commercial Temperature Range 0°C to 70°C
• Easy In-Circuit Programming via SMBus Data
• Development and Programming Kit for Easy
Interface
PLL Design and Programming
(TI Pro-Clock™)
• Wide PLL Divider Ratio Allows 0-ppm Output
Clock Error
• Packaged in 20-Pin TSSOP
• Generates Precise Video (27 MHz or 54 MHz)
and Audio System Clocks from Multiple
Sampling Frequencies (fS = 16, 22.05, 24, 32,
44.1, 48, 96 kHz)
• Clock Inputs Accept a Crystal or a
Single-Ended LVCMOS or a Differential Input
Signal
• Accepts Crystal Frequencies from 8 MHz up to
54 MHz
• Accepts LVCMOS or Differential Input
Frequencies up to 167 MHz
• Two Programmable Control Inputs [S0/S1,
A0/A1] for User Defined Control Signals
• Six LVCMOS Outputs with Output Frequencies
up to 167 MHz
• LVCMOS Outputs can be Programmed for
Complementary Signals
The CDCE906 is one of the smallest and powerful
• Free Selectable Output Frequency via
PLL synthesizer / multiplier / divider available today.
Programmable Output Switching Matrix [6x6]
Despite its small physical outlines, the CDCE906 is
Including 7-Bit Post-Divider for Each Output
flexible. It has the capability to produce an almost
independent output frequency from a given input
• PLL Loop Filter Components Integrated
frequency.
• Low Period Jitter (Typ 60 ps)
The input frequency can be derived from a LVCMOS,
• Features Spread Spectrum Clocking (SSC) for
differential input clock, or a single crystal. The
Lowering System EMI
appropriate input waveform can be selected via the
• Programmable Center Spread SSC Modulation
SMBus data interface controller.
(±0.1%, ±0.25%, and ±0.4%) with a Mean Phase
Equal to the Phase of the Non-Modulated
Frequency
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Pro-Clock is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDCE906PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE906 TI-CDCE906 Datasheet
1Mb / 33P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
More results

Similar Description - CDCE906PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE906 TI-CDCE906 Datasheet
1Mb / 33P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDCE706 TI-CDCE706 Datasheet
1Mb / 32P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDC906 TI-CDC906 Datasheet
1Mb / 39P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDC706 TI-CDC706 Datasheet
1Mb / 41P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDCE706 TI-CDCE706_10 Datasheet
1Mb / 40P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
logo
ON Semiconductor
NB3N65027 ONSEMI-NB3N65027 Datasheet
176Kb / 7P
3.3V Programmable 3-PLL Clock Synthesizer
June, 2011 ??Rev. 2
logo
Texas Instruments
CDCE913 TI1-CDCE913_15 Datasheet
1Mb / 35P
Programmable 1-PLL VCXO Clock Synthesizer
CDCEL824 TI1-CDCEL824 Datasheet
1Mb / 33P
Programmable 2-PLL Clock Synthesizer
CDCE913-Q1 TI1-CDCE913-Q1 Datasheet
897Kb / 27P
Programmable 1-PLL VCXO Clock Synthesizer
CDCE937-Q1 TI1-CDCE937-Q1_15 Datasheet
902Kb / 30P
PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com