Electronic Components Datasheet Search
  English  ▼

X  

DAC7568 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7568
Description  12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7568 Datasheet(HTML) 39 Page - Texas Instruments

Back Button DAC7568 Datasheet HTML 35Page - Texas Instruments DAC7568 Datasheet HTML 36Page - Texas Instruments DAC7568 Datasheet HTML 37Page - Texas Instruments DAC7568 Datasheet HTML 38Page - Texas Instruments DAC7568 Datasheet HTML 39Page - Texas Instruments DAC7568 Datasheet HTML 40Page - Texas Instruments DAC7568 Datasheet HTML 41Page - Texas Instruments DAC7568 Datasheet HTML 42Page - Texas Instruments DAC7568 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
POWER-DOWN MODES
DAC Power-Down Commands
V
X
OUT
Amplifier
Resistor
String
DAC
Power-Down
Circuitry
Resistor
Network
DAC7568
DAC8168
DAC8568
www.ti.com ..................................................................................................................................................... SBAS430A – JANUARY 2009 – REVISED APRIL 2009
DACs. However, for the three power-down modes,
the supply current falls to 0.18
µA at 5.5V (0.10µA at
The DAC7568, DAC8168, and DAC8568 have two
3.6V). Not only does the supply current fall, but the
separate sets of power-down commands. One set is
output stage also switches internally from the output
for the DAC channels and the other set is for the
of the amplifier to a resistor network of known values.
internal reference. For more information on powering
down the reference, see the Enable/Disable Internal
The advantage of this switching is that the output
Reference section.
impedance of the device is known while it is in
power-down mode. As described in Table 11, there
are three different power-down options. VOUT can be
connected internally to GND through a 1k
Ω resistor, a
The DAC7568, DAC8168, and DAC8568 use four
100k
Ω resistor, or open circuited (High-Z). The output
modes of operation. These modes are accessed by
stage is shown in Figure 124. In other words, DB27,
setting control bits C3, C2, C1, and C0, and
DB26, DB25, and DB24 = '0100' and DB9 and DB8 =
power-down register bits DB8 and DB9. The control
'11' represent a power-down condition with High-Z
bits must be set to '0100'. Once the control bits are
output impedance for a selected channel. DB9 and
set correctly, the four different power down modes
DB8 = '01' represents a power-down condition with
are software programmable by setting bits DB8 and
1k
Ω
output
impedance,
and
'10'
represents
a
DB9 in the control register. Table 10 and Table 11
power-down condition with 100k
Ω output impedance.
shows how to control the operating mode with data
bits PD0 (DB8), and PD1 (DB9).
Table 11. DAC Operating Modes
PD1
PD0
(DB9)
(DB8)
DAC OPERATING MODES
0
0
Power up selected DACs
0
1
Power down selected DACs 1k
Ω to GND
1
0
Power down selected DACs 100k
Ω to GND
1
1
Power down selected DACs High-Z to GND
The DAC7568, DAC8168, and DAC8568 treat the
power-down condition as data; all the operational
Figure 124. Output Stage During Power-Down
modes are still valid for power-down. It is possible to
broadcast
a
power-down
condition
to
all
the
All analog channel circuits are shut down when the
DAC8568, DAC8168, DAC7568s in a system. It is
power-down
mode
is
exercised.
However,
the
also possible to power-down a channel and update
contents of the DAC register are unaffected when in
data on other channels. Furthermore, it is possible to
power down. By setting both bits, DB8 and DB9, to
write to the DAC register/buffer of the DAC channel
different values, any combination of DAC channels
that is powered down. When the DAC channel is then
can be powered down or powered up. If a DAC
powered up, it will power up to this new value (see
channel is being powered up from a previously power
the Operating Examples section).
down situation, this DAC channel powers up to the
When both the PD0 and PD1 bits are set to '0', the
value in its DAC register. The time required to exit
device
works
normally
with
its
typical
current
power-down is typically 2.5
µs for AV
DD = 5V, and 4µs
consumption of 1.25mA at 5.5V. The reference
for AVDD = 3V. See the Typical Characteristics for
current is included with the operation of all eight
more information.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): DAC7568 DAC8168 DAC8568



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com