Electronic Components Datasheet Search
  English  ▼

X  

DAC7568 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7568
Description  12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7568 Datasheet(HTML) 30 Page - Texas Instruments

Back Button DAC7568 Datasheet HTML 26Page - Texas Instruments DAC7568 Datasheet HTML 27Page - Texas Instruments DAC7568 Datasheet HTML 28Page - Texas Instruments DAC7568 Datasheet HTML 29Page - Texas Instruments DAC7568 Datasheet HTML 30Page - Texas Instruments DAC7568 Datasheet HTML 31Page - Texas Instruments DAC7568 Datasheet HTML 32Page - Texas Instruments DAC7568 Datasheet HTML 33Page - Texas Instruments DAC7568 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
THEORY OF OPERATION
DIGITAL-TO-ANALOG CONVERTER (DAC)
DAC
Register
REF(+)
ResistorString
REF( )
-
V
L
REF
V
H
REF
V
OUTX
62kW
50kW
50kW
V
=
OUT
V
Gain
´
´
REF
D
IN
2
n
(1)
V
REF
R
R
R
R
V
REF
2
R
DIVIDER
ToOutputAmplifier
(2xGain)
OUTPUT AMPLIFIER
RESISTOR STRING
DAC7568
DAC8168
DAC8568
SBAS430A – JANUARY 2009 – REVISED APRIL 2009 ..................................................................................................................................................... www.ti.com
The DAC7568, DAC8168, and DAC8568 architecture
consists of eight string DACs each followed by an
output buffer amplifier. The devices include an
internal 2.5V reference with 2ppm/°C temperature
drift performance, and offer either 5V or 2.5V full
scale output voltage. Figure 120 shows a principal
block diagram of the DAC architecture.
Figure 120. Device Architecture
The input coding to the DAC7568, DAC8168, and
DAC8568 is straight binary, so the ideal output
voltage is given by Equation 1:
Where:
DIN = decimal equivalent of the binary code that
is loaded to the DAC register. It can range from 0
Figure 121. Resistor String
to 4095 for DAC7568 (12 bit), 0 to 16,383 for
DAC8168 (14 bit), and 0 to 65535 for DAC8568
(16 bit).
n = resolution in bits; either 12 (DAC7568), 14
(DAC8168) or 16 (DAC8568)
The output buffer amplifier is capable of generating
rail-to-rail voltages on its output, giving a maximum
Gain = 1 for A/B grades or 2 for C/D grades.
output range of 0V to AVDD. It is capable of driving a
load of 2k
Ω in parallel with 3000pF to GND. The
source and sink capabilities of the output amplifier
The resistor string section is shown in Figure 121. It
can be seen in the Typical Characteristics. The
is simply a string of resistors, each of value R. The
typical slew rate is 0.75V/
µs, with a typical full-scale
code loaded into the DAC register determines at
settling time of 5
µs with the output unloaded.
which node on the string the voltage is tapped off to
be fed into the output amplifier by closing one of the
switches connecting the string to the amplifier. It is
monotonic because it is a string of resistors.
30
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): DAC7568 DAC8168 DAC8568



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com