Electronic Components Datasheet Search
  English  ▼

X  

DAC7568 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7568
Description  12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7568 Datasheet(HTML) 16 Page - Texas Instruments

Back Button DAC7568 Datasheet HTML 12Page - Texas Instruments DAC7568 Datasheet HTML 13Page - Texas Instruments DAC7568 Datasheet HTML 14Page - Texas Instruments DAC7568 Datasheet HTML 15Page - Texas Instruments DAC7568 Datasheet HTML 16Page - Texas Instruments DAC7568 Datasheet HTML 17Page - Texas Instruments DAC7568 Datasheet HTML 18Page - Texas Instruments DAC7568 Datasheet HTML 19Page - Texas Instruments DAC7568 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
0
-20
-40
-60
-80
-100
-120
-140
20
15
10
5
0
Frequency(Hz)
AV
DD
REF
=5.5V,ExternalV
=5V
f
OUT
S
=1kHz,f =225kSPS
MeasurementBandwidth=20kHz
-40
-50
-60
-70
-80
-90
-100
5
1
2
3
4
0
f
(kHz)
OUT
AV
DD
REF
=5.5V,ExternalV
=5V
f
S =225kSPS, -1dBFSRDigitalInput
MeasurementBandwidth=20kHz
ChA
ChB
ChC
ChD
ChE
ChF
ChG
ChH
-50
-60
-70
-80
-90
-100
5
1
2
3
4
0
f
(kHz)
OUT
AV
DD
REF
=5.5V,ExternalV
=5V
f
S =225kSPS,
1dBFSRDigitalInput
-
MeasurementBandwidth=20kHz
ChA
ChB
ChC
ChD
ChE
ChF
ChG
ChH
-40
-50
-60
-70
-80
-90
5
1
2
3
4
0
f
(kHz)
OUT
AV
=5.5V,ExternalV
=5V
DD
REF
f =225kSPS, 1dBFSRDigitalInput
-
S
MeasurementBandwidth=20kHz
ChA
ChB
ChC
ChD
ChE
ChF
ChG
ChH
ZoomedRisingEdge
200 V/div
m
AV
=5.5V
DD
FromCode:0000h
ToCode:FFFFh
InternalReferenceEnabled
Rising
Edge
1V/div
TriggerPulse5V/div
Time(2ms/div)
200mV/div
AV
DD =5.5V
FromCode:FFFFh
ToCode:0000h
Falling
Edge
1V/div
TriggerPulse5V/div
InternalReferenceEnabled
Time(2ms/div)
ZoomedFallingEdge
DAC7568
DAC8168
DAC8568
SBAS430A – JANUARY 2009 – REVISED APRIL 2009 ..................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS: DAC at AVDD = 5.5V (continued)
Channel-specific information provided as examples. At TA = +25°C, external reference used, DAC output not loaded, and all
DAC codes in straight binary data format, unless otherwise noted.
SECOND HARMONIC DISTORTION
POWER SPECTRAL DENSITY
vs OUTPUT FREQUENCY
Figure 48.
Figure 49.
THIRD HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
vs OUTPUT FREQUENCY
vs OUTPUT FREQUENCY
Figure 50.
Figure 51.
FULL-SCALE SETTLING TIME:
FULL-SCALE SETTLING TIME:
5V RISING EDGE
5V FALLING EDGE
Figure 52.
Figure 53.
16
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): DAC7568 DAC8168 DAC8568



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com