Electronic Components Datasheet Search
  English  ▼

X  

SC453 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC453
Description  Portable, VID Programmed Single Phase Power Supply Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC453 Datasheet(HTML) 1 Page - Semtech Corporation

  SC453 Datasheet HTML 1Page - Semtech Corporation SC453 Datasheet HTML 2Page - Semtech Corporation SC453 Datasheet HTML 3Page - Semtech Corporation SC453 Datasheet HTML 4Page - Semtech Corporation SC453 Datasheet HTML 5Page - Semtech Corporation SC453 Datasheet HTML 6Page - Semtech Corporation SC453 Datasheet HTML 7Page - Semtech Corporation SC453 Datasheet HTML 8Page - Semtech Corporation SC453 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
www.semtech.com
1
POWER MANAGEMENT
Portable, VID Programmed Single
Phase Power Supply Controller
SC453
High Speed Hysteretic Controller
Single Phase Operation
Selectable Analog or VID Controlled Sleep Setting
6 Bit VID programmable Output
Integrated Drivers with SmartDrive™
Programmable Soft-Start
Programmable Boot Voltage
Programmable Sleep Voltage with Sleep Mode
Under-Voltage Lockout on V
CCA
and V
5
Over-voltage Protection on V
CORE
Current Limit Protection on V
CORE
Thermal Protection
Power Good Flag with Blanking During
V
CORE
Changes
Automatic Power Save at Light Load
Package Types — TSSOP-28, MLPQ-32
June 22, 2009
Description
Features
The SC453 IC is a single chip high-performance Hysteretic
PWM controller. With its integrated SmartDrive™ it pow-
ers advanced graphics and core processors. It provides
sleep mode and boot voltage support. Automatic power-
save is present to prevent negative current flow in the low-
side FET during light loading conditions saving even more
power. The high side driver initially turns on with a weak
drive to reduce ringing, EMI, and capacitive turn-on of the
low side.
A 6-bit DAC (accurate to 0.85%) sets the output voltage
reference and implements the 0.700V to 1.708V range
required by the processor. The hysteretic converter uses
a comparator without an error amplifier to provide fast
transient response while avoiding the stability issues in-
herent to classical PWM controllers. The DAC is externally
slew rate limited to minimize transient currents and au-
dible noise.
The SC453 operates from a 5V supply and also features
soft-start, an open-drain power good signal with V
CORE
tran-
sition blanking, and an enable input. Programmable cur-
rent limiting shuts down the SC453 after 32 current limit
pulses.
Low Power Notebook and Laptop Computers
Embedded Applications
Typical Application Circuit
Applications
Features
PowerStep IV™ and Smart Driver™ are trademarks
of Semtech Corporation.
Smart
Driver
PWM
Controller
VID Logic
and DAC
VID (5:0)
VIN
V5
VCORE
0.700V – 1.708V
VCCA
SC453 Single Phase
Power Supply
+


Similar Part No. - SC453

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC453 SEMTECH-SC453 Datasheet
315Kb / 23P
Portable, VID Programmed Single Phase Power Supply Controller
SC4530 SEMTECH-SC4530 Datasheet
1Mb / 23P
30V, 300mA Output Micropower Step-Down Switching Regulator
SC4530EVB SEMTECH-SC4530EVB Datasheet
1Mb / 23P
30V, 300mA Output Micropower Step-Down Switching Regulator
SC4530WLTRT SEMTECH-SC4530WLTRT Datasheet
1Mb / 23P
30V, 300mA Output Micropower Step-Down Switching Regulator
SC4538 SEMTECH-SC4538 Datasheet
235Kb / 14P
High Effi ciency Boost Converter for up to 10 LEDs
More results

Similar Description - SC453

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1406 SEMTECH-SC1406 Datasheet
109Kb / 11P
PORTABLE PENTIUM II & III POWER SUPPLY CONTROLLER
SC1406A SEMTECH-SC1406A Datasheet
175Kb / 17P
PORTABLE PENTIUM II & III POWER SUPPLY CONTROLLER
SC1474 SEMTECH-SC1474 Datasheet
121Kb / 1P
Portable Pentium Dual Phase Power Supply Controller
SC1476 SEMTECH-SC1476 Datasheet
88Kb / 1P
Portable IMVP-IV Dual Phase Power Supply Controller
SC453 SEMTECH-SC453 Datasheet
315Kb / 23P
Portable, VID Programmed Single Phase Power Supply Controller
SC450 SEMTECH-SC450 Datasheet
89Kb / 1P
Portable IMVP-IV??and IMVP4??Dual Phase Power Supply Controller
SC451 SEMTECH-SC451 Datasheet
25Kb / 1P
Portable IMVP-IV??and IMVP-IV??Single Phase Power Supply Controller
logo
Richtek Technology Corp...
RT8113 RICHTEK-RT8113 Datasheet
366Kb / 21P
Single Phase VR11.1 PWM Controller with 7-bit VID
logo
Samtec, Inc
SC1474TSTRT SAMTEC-SC1474TSTRT Datasheet
128Kb / 1P
Portable Pentium짰 Dual Phase Power Supply Controller
logo
Semtech Corporation
SC450ITSTRT SEMTECH-SC450ITSTRT Datasheet
82Kb / 1P
Portable IMVP-IV and IMVP4 Dual Phase Power Supply Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com