Electronic Components Datasheet Search
  English  ▼

X  

SC453 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC453
Description  Portable, VID Programmed Single Phase Power Supply Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC453 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC453 Datasheet HTML 6Page - Semtech Corporation SC453 Datasheet HTML 7Page - Semtech Corporation SC453 Datasheet HTML 8Page - Semtech Corporation SC453 Datasheet HTML 9Page - Semtech Corporation SC453 Datasheet HTML 10Page - Semtech Corporation SC453 Datasheet HTML 11Page - Semtech Corporation SC453 Datasheet HTML 12Page - Semtech Corporation SC453 Datasheet HTML 13Page - Semtech Corporation SC453 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10
© 2009 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC453
Pin Descriptions (Cont.)
Pin#
TSSOP-28
Pin#
MLPQ-32
Pin
Name
Pin Function
25
23
EN
Enable input — active high
26
26
PGND
Power ground — connect to the low-side MOSFET power ground
27
27
BG
Gate drive output for the synchronous (low-side) MOSFET
28
28
V5
5V supply input for the gate drive outputs — a 1μF minimum capacitor should be
connected from V5 to GND
—
17
NC
No connection
—
24
NC
No connection
—
25
NC
No connection
—
32
NC
No connection
—
T
T
Thermal pad — No internal connection. Connect to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com