Electronic Components Datasheet Search
  English  ▼

X  

SC453 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC453
Description  Portable, VID Programmed Single Phase Power Supply Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC453 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC453 Datasheet HTML 10Page - Semtech Corporation SC453 Datasheet HTML 11Page - Semtech Corporation SC453 Datasheet HTML 12Page - Semtech Corporation SC453 Datasheet HTML 13Page - Semtech Corporation SC453 Datasheet HTML 14Page - Semtech Corporation SC453 Datasheet HTML 15Page - Semtech Corporation SC453 Datasheet HTML 16Page - Semtech Corporation SC453 Datasheet HTML 17Page - Semtech Corporation SC453 Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
14
© 2009 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC453
Applications Information (Cont.)
PG# Output
This is an open-drain output and should be pulled up ex-
ternally. This signal is asserted (pulled low) by the SC453
whenever the core voltage is within ±14% of the VID pro-
grammed value. If the chip is disabled by the EN input
or by 5V UVLO, then the PG# pin is de-asserted. During
start-up PG# remains de-asserted until the core voltage
has reached the defined boot voltage and remains there
for the BOOT period (10μS minimum). This signal is forced
low (asserted) during VID and sleep transitions.
PG_DEL Output
This signal is delayed a minimum of 3mS from first as-
sertion of the PG# signal. This is an open drain output
and should be pulled up externally. This signal is asserted
(open drain) by the SC453 whenever the core is within
±14% of the VID programmed value. If the chip is disabled
or enabled in UVLO, then PG_DEL is de-asserted. The sig-
nal is forced high (open drain) during VID and sleep transi-
tions.
Start-Up and Sequencing
On start-up, V
CORE
ramps to the boot voltage set by the
BOOTV pin irrespective of the status of the VID pins. After
a minimum of 10μs, PG# asserts, and V
CORE
will then re-
spond to the VID inputs. The controller will then count
1007 switching cycles before asserting PG_DEL.
Summary of Fault Conditions
Driver Timing Diagram
CMP
BG
TG
CMPRF
tf
tpdl
tpdh
tr
tpdl
tf
tspd
tr
TG
TG
TG
BG
BG
BG
BG
tpdh
TG
(see note)
NOTE: Subtract 20ns (typical) for the core comparator delay since this parameter is specified from a CMP edge.
(see note)
Protection Mode
Latched?
When Active
Driver Status
SS Pin Status
Supply UVLO (VCCA, V5)
No
Always
All low
Low
32 Cycle Current Limit
Yes
SS has terminated and PGDEL is low
TG low
Sawtooth
114% V
CORE
OVP
Yes
SS has terminated and PGDEL is low
BG high
High
2.0V
CORE
OVP
Yes
Always
BG high
High
Thermal Shutdown
Yes
Always
BG, TG low
High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com