Electronic Components Datasheet Search
  English  ▼

X  

RF2347 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2347
Description  3V LOW NOISE AMPLIFIER/3V PA DRIVER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2347 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2347 Datasheet HTML 1Page - RF Micro Devices RF2347 Datasheet HTML 2Page - RF Micro Devices RF2347 Datasheet HTML 3Page - RF Micro Devices RF2347 Datasheet HTML 4Page - RF Micro Devices RF2347 Datasheet HTML 5Page - RF Micro Devices RF2347 Datasheet HTML 6Page - RF Micro Devices RF2347 Datasheet HTML 7Page - RF Micro Devices RF2347 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
4-165
RF2347
Rev A5 991207
4
Pin
Function
Description
Interface Schematic
1PD
For low noise amplifier applications, this pin is used to control the bias
current. See plots for bias current settings.
For driver amplifier applications, this is the Power Down pin for the IC.
VPD =2.8V +/- 0.1V is required for proper operation. VPD< 0.9V turns
off the Part. External RF bypassing is required. The trace length
between the pin and the bypass capacitors should be minimized. The
ground side of the bypass capacitors should connect immediately to
ground plane. Nominal current required for VPD=2.8 V is 2.0mA typical
and 3.0mA Max (@ VPD=2.9V).
2NC
No connection. This pin is typically left unconnected or grounded.
3RF IN
RF input pin. This pin is DC coupled and matched to 50
Ω at 836 MHz.
4GND1
Ground connection. Keep traces physically short and connect immedi-
ately to ground plane for best performance.
5NC
See pin 2. This pin is typically grounded.
6GND2
Ground connection. Keep traces physically short and connect immedi-
ately to ground plane for best performance.
7RF OUT
Amplifier Output pin. This pin is an open-collector output. It must be
biased to either VCC or pin 7 through a choke or matching inductor.
This pin is typically matched to 50
Ω with a shunt bias/matching induc-
tor and series blocking/matching capacitor. Refer to application sche-
matics.
8GND2
See pin 6.
PD
RF
IN
To Bias
Circuit
RF OUT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com