Electronic Components Datasheet Search
  English  ▼

X  

RF2347 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2347
Description  3V LOW NOISE AMPLIFIER/3V PA DRIVER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2347 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2347 Datasheet HTML 1Page - RF Micro Devices RF2347 Datasheet HTML 2Page - RF Micro Devices RF2347 Datasheet HTML 3Page - RF Micro Devices RF2347 Datasheet HTML 4Page - RF Micro Devices RF2347 Datasheet HTML 5Page - RF Micro Devices RF2347 Datasheet HTML 6Page - RF Micro Devices RF2347 Datasheet HTML 7Page - RF Micro Devices RF2347 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image

4-163
4
   
    
    

    
RF Micro Devices, Inc.
7625 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
      
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
1
2
3
4
8
7
6
5
PD
NC
RF IN
GND1
GND2
RF OUT
GND2
GND2
RF2347
   
  
• TDMA/CDMA/FM Cellular LNA
• Low Noise Transmit Driver Amplifier
• General Purpose Amplification
• Commercial and Consumer Systems
The RF2347 is a low noise amplifier with a very high
dynamic range designed for digital cellular applications at
900MHz. The device functions as an outstanding front
end low noise amplifier or power amplifier driver amplifier
in the transmit chain of digital subscriber units where low
transmit noise power is a concern. When used as an
LNA, the bias current can be set externally. When used
as a PA driver, the IC can operate directly from a single
cell Li-ion battery and includes a power down feature that
can be used to completely turn off the device. The IC is
featured in a standard miniature 8-lead plastic MSOP
package.
• Low Noise and High Intercept Point
• Power Down Control
• Single 2.5V to 6.0V Power Supply
• 150MHz to 2500MHz Operation
• Extremely Small MSOP-8 Package
RF2347
3V Low Noise Amplifier/ 3V PA Driver Amplifier
RF2347 PCBA
Fully Assembled Evaluation Board

Rev A5 991207
.026
.120
.116
10°MAX
0°MIN
.009
.005
.120
.116
.196
.190
1
.016
.010
.036
.032
.006
.002
.027
.017
   !


Similar Part No. - RF2347

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2301 RFMD-RF2301 Datasheet
198Kb / 10P
HIGH ISOLATION BUFFER AMPLIFIER
RF2301PCBA RFMD-RF2301PCBA Datasheet
198Kb / 10P
HIGH ISOLATION BUFFER AMPLIFIER
RF2302 RFMD-RF2302 Datasheet
164Kb / 8P
BROADBAND LINEAR VARIABLE GAIN AMPLIFIER
RF2302PCBA-H RFMD-RF2302PCBA-H Datasheet
164Kb / 8P
BROADBAND LINEAR VARIABLE GAIN AMPLIFIER
RF2302PCBA-L RFMD-RF2302PCBA-L Datasheet
164Kb / 8P
BROADBAND LINEAR VARIABLE GAIN AMPLIFIER
More results

Similar Description - RF2347

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2361 RFMD-RF2361 Datasheet
149Kb / 10P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2366 RFMD-RF2366 Datasheet
109Kb / 10P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2369 RFMD-RF2369 Datasheet
257Kb / 10P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2361 RFMD-RF2361_06 Datasheet
181Kb / 12P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2369 RFMD-RF2369_06 Datasheet
306Kb / 10P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2878 RFMD-RF2878 Datasheet
197Kb / 12P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2878 RFMD-RF2878_1 Datasheet
282Kb / 11P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2369 RFMD-RF2369_1 Datasheet
408Kb / 12P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2361 RFMD-RF2361_1 Datasheet
292Kb / 14P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
logo
Qorvo, Inc
RF2878 QORVO-RF2878 Datasheet
492Kb / 14P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
27 January 2003
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com