Electronic Components Datasheet Search
  English  ▼

X  

RF2347 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2347
Description  3V LOW NOISE AMPLIFIER/3V PA DRIVER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2347 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2347 Datasheet HTML 1Page - RF Micro Devices RF2347 Datasheet HTML 2Page - RF Micro Devices RF2347 Datasheet HTML 3Page - RF Micro Devices RF2347 Datasheet HTML 4Page - RF Micro Devices RF2347 Datasheet HTML 5Page - RF Micro Devices RF2347 Datasheet HTML 6Page - RF Micro Devices RF2347 Datasheet HTML 7Page - RF Micro Devices RF2347 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
4-167
RF2347
Rev A5 991207
4
!" # $ 
  
(Download Bill of Materials from www.rfmd.com.)
!" # $ 
     
1
2
3
4
8
7
6
5
50
Ω µstrip
C3
22 pF
J1
RF IN
C1
100
pF
C2
10
nF
C4
2 pF
L1
12 nH
50
Ω µstrip
J2
RF OUT
C5
100 pF
C6
10 nF
2347400A
PD
VCC
P1-1
VPD
GND
P1-3
C7
4.7
µF
VCC
P1
1
2
3
R1
0
Ω
1
2
3
4
8
7
6
5
50
Ω µstrip
C3
22 pF
J1
RF IN
C1
100 pF
C2
10 nF
C4
2 pF
L1
12 nH
50
Ω µstrip
J2
RF OUT
C5
100 pF
C6
10 nF
2347401-
PD
VCC
P1-1
VPD
GND
P1-3
C7
4.7
µF
VCC
P1
1
2
3
R1
1 k
Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com