Electronic Components Datasheet Search
  English  ▼

X  

AD5424 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5424
Description  8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5424 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5424 Datasheet HTML 7Page - Analog Devices AD5424 Datasheet HTML 8Page - Analog Devices AD5424 Datasheet HTML 9Page - Analog Devices AD5424 Datasheet HTML 10Page - Analog Devices AD5424 Datasheet HTML 11Page - Analog Devices AD5424 Datasheet HTML 12Page - Analog Devices AD5424 Datasheet HTML 13Page - Analog Devices AD5424 Datasheet HTML 14Page - Analog Devices AD5424 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
AD5424/AD5433/AD5445
Rev. B | Page 11 of 32
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
VBIAS (V)
GAIN ERROR
OFFSET ERROR
TA = 25°C
VREF = 2.5V
VDD = 3V AND 5V
Figure 21. Gain and Offset Errors vs. VBIAS Voltage Applied to IOUT2
–3
–2
–1
0
1
2
3
VBIAS (V)
1.0
0.5
1.5
2.0
2.5
MAX INL
MAX DNL
MIN INL
MIN DNL
TA = 25°C
VREF = 0V
VDD = 5V
Figure 22. Linearity vs. VBIAS Voltage Applied to IOUT2, AD5445
–5
–4
–3
–2
–1
0
1
2
3
4
VBIAS (V)
0.5
1.5
1.0
2.0
MAX INL
MAX DNL
MIN INL
MIN DNL
TA = 25°C
VREF = 2.5V
VDD = 5V
Figure 23. Linearity vs. VBIAS Voltage Applied to IOUT2, AD5445
0
1
2
3
4
5
6
7
8
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VOLTAGE (V)
VDD = 5V
VDD = 2.5V
VDD = 3V
Figure 24. Supply Current vs. Logic Input Voltage (Driving DB0 to DB11,
All Other Digital Inputs @ Supplies)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
40
20
–20
0
–40
60
80
100
120
TEMPERATURE (°C)
IOUT1 VDD 5V
IOUT1 VDD 3V
Figure 25. IOUT1 Leakage Current vs. Temperature
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
VDD = 5V
ALL 0s
ALL 1s
ALL 0s
ALL 1s
VDD = 2.5V
Figure 26. Supply Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com