Electronic Components Datasheet Search
  English  ▼

X  

AD5424 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5424
Description  8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5424 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5424 Datasheet HTML 12Page - Analog Devices AD5424 Datasheet HTML 13Page - Analog Devices AD5424 Datasheet HTML 14Page - Analog Devices AD5424 Datasheet HTML 15Page - Analog Devices AD5424 Datasheet HTML 16Page - Analog Devices AD5424 Datasheet HTML 17Page - Analog Devices AD5424 Datasheet HTML 18Page - Analog Devices AD5424 Datasheet HTML 19Page - Analog Devices AD5424 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
AD5424/AD5433/AD5445
Rev. B | Page 16 of 32
TERMINOLOGY
Relative Accuracy
Relative accuracy or endpoint nonlinearity is a measure of the
maximum deviation from a straight line passing through the
endpoints of the DAC transfer function. It is measured after
adjusting zero scale and full scale and is normally expressed in
LSBs or as a percentage of full-scale reading.
Differential Nonlinearity
Differential nonlinearity is the difference between the measured
change and the ideal 1 LSB change between any two adjacent
codes. A specified differential nonlinearity of –1 LSB maximum
over the operating temperature range ensures monotonicity.
Gain Error
Gain error or full-scale error is a measure of the output error
between an ideal DAC and the actual device output. For these
DACs, ideal maximum output is VREF – 1 LSB. Gain error of the
DACs is adjustable to 0 with external resistance.
Output Leakage Current
Output leakage current is current that flows in the DAC ladder
switches when these are turned off. For the IOUT1 terminal, it
can be measured by loading all 0s to the DAC and measuring
the IOUT1 current. Minimum current flows in the IOUT2 line
when the DAC is loaded with all 1s.
Output Capacitance
Capacitance from IOUT1, or IOUT2, to AGND.
Output Current Settling Time
This is the amount of time it takes for the output to settle to a
specified level for a full-scale input change. For these devices, it
is specified with a 100 Ω resistor to ground.
The settling time specification includes the digital delay from
the CS rising edge to the full-scale output change.
Digital to Analog Glitch lmpulse
The amount of charge injected from the digital inputs to the
analog output when the inputs change state. This is normally
specified as the area of the glitch in either pA seconds or nV
seconds, depending upon whether the glitch is measured as a
current or voltage signal.
Digital Feedthrough
When the device is not selected, high frequency logic activity
on the device digital inputs may be capacitively coupled
through the device to show up as noise on the IOUT pins and
subsequently in the following circuitry. This noise is called
digital feedthrough.
Multiplying Feedthrough Error
This is the error due to capacitive feedthrough from the DAC
reference input to the DAC IOUT1 terminal when all 0s are
loaded to the DAC.
Total Harmonic Distortion (THD)
The DAC is driven by an ac reference. The ratio of the rms sum
of the harmonics of the DAC output to the fundamental value is
the THD. Usually only the lower order harmonics are included,
such as second to fifth.
(
)
1
2
5
2
4
2
3
2
2
log
20
V
V
V
V
V
THD
+
+
+
=
Digital Intermodulation Distortion
Second-order intermodulation distortion (IMD) measurements
are the relative magnitude of the fa and fb tones generated
digitally by the DAC and the second-order products at 2fa − fb
and 2fb − fa.
Spurious-Free Dynamic Range (SFDR)
SFDR is the usable dynamic range of a DAC before spurious
noise interferes or distorts the fundamental signal. It is mea-
sured by the difference in amplitude between the fundamental
and the largest harmonically or nonharmonically related spur
from dc to full Nyquist bandwidth (half the DAC sampling rate,
or fS/2). Narrow-band SFDR is a measure of SFDR over an
arbitrary window size, in this case, 50% of the fundamental.
Digital SFDR is a measure of the usable dynamic range of the
DAC when the signal is a digitally generated sine wave.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com