Electronic Components Datasheet Search
  English  ▼

X  

AD5424 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5424
Description  8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5424 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5424 Datasheet HTML 15Page - Analog Devices AD5424 Datasheet HTML 16Page - Analog Devices AD5424 Datasheet HTML 17Page - Analog Devices AD5424 Datasheet HTML 18Page - Analog Devices AD5424 Datasheet HTML 19Page - Analog Devices AD5424 Datasheet HTML 20Page - Analog Devices AD5424 Datasheet HTML 21Page - Analog Devices AD5424 Datasheet HTML 22Page - Analog Devices AD5424 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
AD5424/AD5433/AD5445
Rev. B | Page 19 of 32
SINGLE-SUPPLY APPLICATIONS
Current Mode Operation
The current mode circuit in Figure 51 shows a typical circuit for
operation with a single 2.5 V to 5 V supply. IOUT2 and therefore
IOUT1 is biased positive by the amount applied to VBIAS. In this
configuration, the output voltage is given by
VOUT = [D × (RFB/RDAC) × (VBIAS – VIN)] + VBIAS
As D varies from 0 to 255 (AD5424), 0 to 1023 (AD5433),
or 0 to 4095 (AD5445), the output voltage varies from
VOUT = VBIAS to VOUT = 2VBIAS − VIN.
VBIAS should be a low impedance source capable of sinking and
sourcing all possible variations in current at the IOUT2 terminal.
ADDITIONAL PINS OMITTED FOR CLARITY
C1 PHASE COMPENSATION (1pF TO 2pF) MAY BE REQUIRED
IF A1 IS A HIGH SPEED AMPLIFIER.
NOTES:
1.
2.
VDD
VDD
VIN
VREF
GND
DAC
C1
A1
RFB
IOUT1
IOUT2
VBIAS
VOUT
Figure 51. Single-Supply Current Mode Operation
It is important to note that VIN is limited to low voltages because
the switches in the DAC ladder no longer have the same source-
drain drive voltage. As a result, their on resistance differs and
the linearity of the DAC degrades.
Voltage Switching Mode of Operation
Figure 52 shows these DACs operating in the voltage-switching
mode. The reference voltage, VIN, is applied to the IOUT1 pin,
IOUT2 is connected to AGND, and the output voltage is available
at the VREF terminal. In this configuration, a positive reference
voltage results in a positive output voltage, making single-
supply operation possible. The output from the DAC is voltage
at a constant impedance (the DAC ladder resistance), thus an
op amp is necessary to buffer the output voltage. The reference
input no longer sees a constant input impedance, but one that
varies with code. So, the voltage input should be driven from a
low impedance source.
VIN
VDD
VDD
VREF
VOUT
GND
DAC
RFB
IOUT1
IOUT2
R1
A1
R2
ADDITIONAL PINS OMITTED FOR CLARITY
C1 PHASE COMPENSATION (1pF TO 2pF) MAY BE REQUIRED
IF A1 IS A HIGH SPEED AMPLIFIER.
NOTES:
1.
2.
Figure 52. Single-Supply Voltage-Switching Mode Operation
It is important to note that VIN is limited to low voltages because
the switches in the DAC ladder no longer have the same source-
drain drive voltage. As a result, their on resistance differs, which
degrades the linearity of the DAC. See Figure 18 to Figure 23.
Also, VIN must not go negative by more than 0.3 V,;otherwise,
an internal diode turns on, exceeding the maximum ratings of
the device. In this type of application, the full range of
multiplying capability of the DAC is lost.
POSITIVE OUTPUT VOLTAGE
Note that the output voltage polarity is opposite to the VREF
polarity for dc reference voltages. To achieve a positive voltage
output, an applied negative reference to the input of the DAC is
preferred over the output inversion through an inverting ampli-
fier because of the resistor tolerance errors. To generate a
negative reference, the reference can be level-shifted by an op
amp such that the VOUT and GND pins of the reference become
the virtual ground and –2.5 V respectively, as shown
in Figure 53.
VDD
RFB
IOUT1
IOUT2
C1
VOUT = 0V TO +2.5V
GND
VDD = 5V
VREF
NOTES:
1ADDITIONAL PINS OMITTED FOR CLARITY.
2C1 PHASE COMPENSATION (1pF TO 2pF) MAY BE REQUIRED,
IF A1 IS A HIGH SPEED AMPLIFIER.
ADR03
VOUT
VIN
GND
–5V
+5V
–2.5V
Figure 53. Positive Voltage Output with Minimum of Components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com