Electronic Components Datasheet Search
  English  ▼

X  

RF2376 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2376
Description  CELLULAR TDMA/CDMA LINEAR VARIABLE GAIN AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2376 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2376 Datasheet HTML 1Page - RF Micro Devices RF2376 Datasheet HTML 2Page - RF Micro Devices RF2376 Datasheet HTML 3Page - RF Micro Devices RF2376 Datasheet HTML 4Page - RF Micro Devices RF2376 Datasheet HTML 5Page - RF Micro Devices RF2376 Datasheet HTML 6Page - RF Micro Devices RF2376 Datasheet HTML 7Page - RF Micro Devices RF2376 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Preliminary
4-45
RF2376
Rev A2 010829
4
Application Schematic
Pin
Function
Description
Interface Schematic
1RF OUT
RF output pin. This pin is DC coupled and requires VCC through a bias
inductor sized accordingly to provide a high pass transformation with a
series capacitor.
2GND
Ground connection. Keep traces physically short and connect immedi-
ately to ground plane for best performance.
3GC
Analog gain control pin. This pin controls the gain of the IC. Minimum
gain occurs at VGC<0.4V and maximum gain is achieved with
VGC=2.0V. 50dB of linear gain control with little variation of input P1dB
is available.
4RF IN
RF input pin. This pin is AC coupled.
5GND
Ground connection. Keep traces physically short and connect immedi-
ately to ground plane for best performance.
6VCC
Power supply. This pin should be connected to a regulated supply and
requires a bypass capacitor. Voltage is supplied through this pin to the
first stage collector; this voltage also controls the bias. Gain may be
tuned by adjusting the value of the feed inductor.
RF IN
4
5
6
ATTEN
3
2
1
Note orientation of
package in this schematic.
2.7 pF
GC
4.7 nH
47 nF
VCC
RF OUT
12 nH
47 nH
VCC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com